Electronic Components Datasheet Search
  English  ▼

X  

MSC3130 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # MSC3130
Description  NPN RF Amplifier Transistor Surface Mount
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MSC3130 Datasheet(HTML) 1 Page - Leshan Radio Company

  MSC3130 Datasheet HTML 1Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LESHAN RADIO COMPANY, LTD.
N5–1/1
MSC3130T1
1
3
2
CASE
318D–03, STYLE 1
SC–59
MAXIMUM RATINGS (T A = 25 °C)
Rating
Symbol
Value
Unit
Collector-Base Voltage
V CBO
15
Vdc
Collector-Emitter Voltage
V CEO
10
Vdc
Emitter-Base Voltage
V EBO
3.0
Vdc
Collector Current - Continuous
I C
50
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Power Dissipation
P D
200
mW
Junction Temperature
T J
150
°C
Storage Temperature
T stg
–55 ~ +150
°C
ELECTRICAL CHARACTERISTICS (T A = 2
5 °C)
Characteristic
Symbol
Min
Max
Unit
Collector Cutoff Current
ICBO
—
1.0
µAdc
(V CB = 10 Vdc, I E = 0)
Collector-Emitter Breakdown Voltage
V CEO
10
—
Vdc
(I C = 2.0 mAdc, I B = 0)
Emitter-Base Breakdown Voltage
V EBO
3.0
—
Vdc
(I E = 10
µAdc, I
C = 0)
DC Current Gain (1)
h FE
75
400
—
(V CE = 4.0 Vdc, I C = 5.0 mAdc)
Collector-Emitter Saturation Voltage
V CE(sat)
—
0.5
Vdc
(I C = 20 mAdc, I B = 4.0 mAdc)
Current-Gain–Bandwidth Produc
tf T
1.4
2.5
GHz
(V CB = 4.0 Vdc, I E = -5.0 mAdc)
1. Pulse Test: Pulse Width < 300
µs, D.C.<2%.
DEVICE MARKING
The “X” represents a smaller alpha digit Date Code. The Date Code
indicates the actual month in which the part was manufactured.
1S X
Marking Symbol
NPN RF Amplifier Transistor
Surface Mount
COLLECTOR
3
2
1
BASE
EMITTER


Similar Part No. - MSC3130

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MSC3130 MOTOROLA-MSC3130 Datasheet
105Kb / 4P
NPN RF Amplifier Transistors Surface Mount?
MSC3130T1 MOTOROLA-MSC3130T1 Datasheet
105Kb / 4P
NPN RF Amplifier Transistors Surface Mount?
logo
ON Semiconductor
MSC3130T1 ONSEMI-MSC3130T1 Datasheet
148Kb / 4P
NPN RF Amplifier Transistor Surface Mount
August, 2006 ??Rev. 4
More results

Similar Description - MSC3130

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MSA1022CT1 MOTOROLA-MSA1022CT1 Datasheet
107Kb / 4P
PNP RF Amplifier Transistor Surface Mount
MSC2295-BT1 MOTOROLA-MSC2295-BT1 Datasheet
112Kb / 4P
NPN RF Amplifier Transistors Surface Mount
MSC3130T1 MOTOROLA-MSC3130T1 Datasheet
105Kb / 4P
NPN RF Amplifier Transistors Surface Mount?
logo
Leshan Radio Company
MS1022 LRC-MS1022 Datasheet
28Kb / 1P
PNP RF Amplifier Transistor Surface Mount
MSC2295-BT1 LRC-MSC2295-BT1 Datasheet
38Kb / 1P
NPN RF Amplifier Transistors Surface Mount
logo
E-Tech Electronics LTD
MSA1022 ETL-MSA1022 Datasheet
78Kb / 1P
PNP RF Amplifier Transistor Surface Mount
MSC2295 ETL-MSC2295 Datasheet
78Kb / 1P
NPN RF Amplifier Transistors Surface Mount
logo
ON Semiconductor
MSC2295-BT1 ONSEMI-MSC2295-BT1 Datasheet
41Kb / 2P
NPN RF Amplifier Transistors Surface Mount
January, 2006 ??Rev. 4
logo
Central Semiconductor C...
CMUT5179 CENTRAL-CMUT5179_15 Datasheet
348Kb / 2P
SURFACE MOUNT NPN SILICON RF TRANSISTOR
logo
ON Semiconductor
MSC3130T1 ONSEMI-MSC3130T1 Datasheet
148Kb / 4P
NPN RF Amplifier Transistor Surface Mount
August, 2006 ??Rev. 4
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com