Electronic Components Datasheet Search
  English  ▼

X  

MTZJ Datasheet(PDF) 1 Page - Leshan Radio Company

Part # MTZJ
Description  MTZJ SERIES ZENER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MTZJ Datasheet(HTML) 1 Page - Leshan Radio Company

  MTZJ Datasheet HTML 1Page - Leshan Radio Company MTZJ Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
6B–1/2
MTZJ
MTZJ SERIES ZENER DIODES
MTZJ SERIES
ZENER DIODES
Package Dimensions: DO-35
1.880-2.100
2.120-2.300
2.330-2.520
2.540-2.750
2.850-3.070
3.160-3.380
3.455-3.695
3.740-4.010
4.04-4.29
4.44-4.68
4.81-5.07
5.28-5.55
5.78-6.09
6.29-6.63
6.85-7.22
7.53-7.92
8.29-8.73
9.12-9.59
10.18-10.71
11.13-11.71
12.11-12.75
13.44-14.13
14.80-15.57
16.22-17.06
2.0
2.2
2.4
2.7
3.0
3.3
3.6
3.9
4.3
4.7
5.1
5.6
6.2
6.8
7.5
8.2
9.1
10
11
12
13
15
16
18
MTZJ
2.020-2.200
2.220-2.410
2.430-2.630
2.690-2.910
3.010-3.220
3.320-3.530
3.600-3.845
3.89-4.16
4.17-4.43
4.55-4.80
4.94-5.20
5.45-5.73
5.96-6.27
6.49-6.83
7.07-7.45
7.78-8.19
8.57-9.01
9.41-9.90
10.50-11.05
11.44-12.03
12.55-13.21
13.89-14.62
15.25-16.04
16.82-17.70
-
-
-
-
-
-
-
-
4.30-4.57
4.68-4.93
5.09-5.37
5.61-5.91
6.12-6.44
6.66-7.01
7.29-7.67
8.03-8.45
8.83-9.30
9.70-10.20
10.82-11.38
11.74-12.35
12.99-13.66
14.35-15.09
15.69-16.51
17.42-18.33
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
9.94-10.44
-
-
-
-
-
-
5
5
5
5
5
100
100
100
110
120
120
100
100
100
80
70
40
30
20
20
20
20
20
20
25
25
25
25
30
1000
1000
900
1200
900
500
150
120
120
120
120
120
110
110
110
150
150
0.5
0.5
1
1
1
0.5
0.5
0.5
0.5
120
120
120
100
50
20
10
5
5
5
5
5
5
2
0.5
0.5
0.5
0.2
0.2
0.2
0.2
0.5
0.7
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.5
2.5
3
3.5
4
5
6
7
8
9
10
11
12
13
5
5
5
5
5
DO-35
(mm)
Φ 1.8 ± 0.2
29 ± 1
3.8 ± 0.2
29 ± 1
Φ 0.5 ± 0.1
Part
No
Voltage
VZ(V)Zener Voltage
(Thin suffix)
AB
C
D
Z Z
(
Ω )
Max
I Z
(mA)
Z ZK
I Z
(mA)
(
Ω )
Max
IR
VR
(V)
(
µA)
Max
IZ
(mA)


Similar Part No. - MTZJ

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
MTZJ BILIN-MTZJ Datasheet
101Kb / 3P
ZENER DIODES
logo
SynSemi, Inc.
MTZJ SYNSEMI-MTZJ Datasheet
35Kb / 2P
ZENER DIODES
logo
Weitron Technology
MTZJ WEITRON-MTZJ Datasheet
613Kb / 3P
Axial Lead Zener Diodes
logo
Taiwan Semiconductor Co...
MTZJ TSC-MTZJ Datasheet
126Kb / 5P
500mW Hermetically Sealed Glass Zener Diodes
logo
Excel Semiconductor Inc...
MTZJ EXCELSEMI-MTZJ Datasheet
139Kb / 4P
Zener diode
Rev. 3e, 1-Nov-2006
More results

Similar Description - MTZJ

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
1N992A LRC-1N992A Datasheet
33Kb / 1P
1N9 SERIES ZENER DIODES
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
ZENER DIODES DIODES ZENER
logo
Galaxy Semi-Conductor H...
BZG03C BILIN-BZG03C Datasheet
106Kb / 3P
ZENER DIODES
DL4728 BILIN-DL4728 Datasheet
195Kb / 3P
ZENER DIODES
BZY97 BILIN-BZY97 Datasheet
239Kb / 5P
ZENER DIODES
logo
Panasonic Semiconductor
DZ2W03900L PANASONIC-DZ2W03900L Datasheet
609Kb / 2P
NEW Zener Diodes Series 1W/2W Zener Diodes Series
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
ZENER DIODES Diodes
logo
RFE international
1N533B RFE-1N533B Datasheet
2Mb / 5P
Zener Diodes 1N53 Series
06-06-2022
1N5913B RFE-1N5913B Datasheet
808Kb / 5P
Zener Diodes 1N59 Series
AUG-04-2023
BZX55C2V0 RFE-BZX55C2V0 Datasheet
1Mb / 2P
Zener Diodes BZX Series
06-06-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com