Electronic Components Datasheet Search
  English  ▼

X  

MUN2113RT1 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # MUN2113RT1
Description  Bias Resistor Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MUN2113RT1 Datasheet(HTML) 1 Page - Leshan Radio Company

  MUN2113RT1 Datasheet HTML 1Page - Leshan Radio Company MUN2113RT1 Datasheet HTML 2Page - Leshan Radio Company MUN2113RT1 Datasheet HTML 3Page - Leshan Radio Company MUN2113RT1 Datasheet HTML 4Page - Leshan Radio Company MUN2113RT1 Datasheet HTML 5Page - Leshan Radio Company MUN2113RT1 Datasheet HTML 6Page - Leshan Radio Company MUN2113RT1 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LESHAN RADIO COMPANY, LTD.
P1–1/7
MAXIMUM RATINGS (T
A = 25
°C unless otherwise noted)
Rating
Symbol
Value
Unit
Collector-Base Voltage
VCBO
50
Vdc
Collector-Emitter Voltage
V CEO
50
Vdc
Collector Current
I C
100
mAdc
Total Power Dissipation @ T A = 25
°C (1)
P D
200
mW
Derate above 25
°C
1.6
mW
/°C
THERMALCHARACTERISTICS
Rating
Symbol
Value
Unit
Thermal Resistance — Junction-to-Ambient (surface mounted)
R θ JA
625
°C/W
Operating and Storage Temperature Range
T J , T stg
–65 to +150
°C
Maximum Temperature for Soldering Purposes
T L
260
°C
Time in Solder Bath
10
Sec
DEVICE MARKING AND RESISTOR VALUES
Device
Marking
R1 (K)
R2 (K)
MUN2111RT1
6A
10
10
MUN2112RT1
6B
22
22
MUN2113RT1
6C
47
47
MUN2114RT1
6D
10
47
MUN2115RT1(2)
6E
10
MUN2116RT1(2)
6F
4.7
MUN2130RT1(2)
6G
1.0
1.0
MUN2131RT1(2)
6H
2.2
2.2
MUN2132RT1(2)
6J
4.7
4.7
MUN2133RT1(2)
6K
4.7
47
MUN2134R T1 (2)
6L
22
47
1. Device mounted on a FR-4 glass epoxy printed circuit board using the minimum recommended footprint.
2. New devices. Updated curves to follow in subsequent data sheets.
MUN2111RT1
MUN2112RT1
MUN2113RT1
MUN2114RT1
MUN2115RT1
MUN2116RT1
MUN2130RT1
MUN2131RT1
MUN2132RT1
MUN2133RT1
MUN2134RT1
1
3
2
CASE 318–03 , STYLE 1
( SC – 59 )
Bias Resistor Transistor
PNP Silicon Surface Mount Transistor with
Monolithic Bias Resistor Network
This new series of digital transistors is designed to replace a single device and
its external resistor bias network. The BRT (Bias Resistor Transistor) contains a
single transistor with a monolithic bias network consisting of two resistors; a series
base resistor and a base–emitter resistor. The BRT eliminates these individual
components by integrating them into a single device. The use of a BRT can reduce
both system cost and board space. The device is housed in the SC–59 package
which is designed for low power surface mount applications.
• Simplifies Circuit Design
• Reduces Board Space
• Reduces Component Count
• The SC–59 package can be soldered using wave or reflow.
The modified gull–winged leads absorb thermal stress during
soldering eliminating the possibility of damage to the die.
• Available in 8 mm embossed tape and reel
Use the Device Number to order the 7 inch/3000 unit reel.
R1
R2
PIN3
Collector
(Output)
PIN2
base
(Input)
PIN2
Emitter
(Ground)
PNP SILICON
BIAS RESISTOR
TRANSISTOR


Similar Part No. - MUN2113RT1

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
MUN2113RT1 ETL-MUN2113RT1 Datasheet
282Kb / 7P
Bias Resistor Transistor
More results

Similar Description - MUN2113RT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MUN2211RT1 LRC-MUN2211RT1 Datasheet
328Kb / 8P
Bias Resistor Transistor
logo
ON Semiconductor
MUN5111T1 ONSEMI-MUN5111T1 Datasheet
132Kb / 12P
Bias Resistor Transistor
October, 2004 ??Rev. 7
MMUN2211LT1 ONSEMI-MMUN2211LT1 Datasheet
104Kb / 12P
Bias Resistor Transistor
May, 2004 ??Rev. 4
logo
E-Tech Electronics LTD
MMUN2211 ETL-MMUN2211 Datasheet
269Kb / 8P
Bias Resistor Transistor
logo
ON Semiconductor
MUN5111DW1T1 ONSEMI-MUN5111DW1T1_06 Datasheet
109Kb / 12P
Bias Resistor Transistor
February, 2006 ??Rev. 8
logo
Leshan Radio Company
LDTC123TLT1G LRC-LDTC123TLT1G Datasheet
217Kb / 3P
Bias Resistor Transistor
logo
Weitron Technology
MMUN2211 WEITRON-MMUN2211_07 Datasheet
470Kb / 10P
Bias Resistor Transistor
logo
Leshan Radio Company
LDTA123YET1G LRC-LDTA123YET1G_15 Datasheet
258Kb / 3P
Bias Resistor Transistor
LDTA124GET1G LRC-LDTA124GET1G_15 Datasheet
285Kb / 3P
Bias Resistor Transistor
LDTB113ZLT1G LRC-LDTB113ZLT1G_15 Datasheet
282Kb / 3P
Bias Resistor Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com