Electronic Components Datasheet Search
  English  ▼

X  

LTM4615 Datasheet(PDF) 3 Page - Linear Technology

Part # LTM4615
Description  Triple Output, Low Voltage DC/DC Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4615 Datasheet(HTML) 3 Page - Linear Technology

  LTM4615_15 Datasheet HTML 1Page - Linear Technology LTM4615_15 Datasheet HTML 2Page - Linear Technology LTM4615_15 Datasheet HTML 3Page - Linear Technology LTM4615_15 Datasheet HTML 4Page - Linear Technology LTM4615_15 Datasheet HTML 5Page - Linear Technology LTM4615_15 Datasheet HTML 6Page - Linear Technology LTM4615_15 Datasheet HTML 7Page - Linear Technology LTM4615_15 Datasheet HTML 8Page - Linear Technology LTM4615_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LTM4615
3
4615fb
For more information www.linear.com/LTM4615
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Switching Regulator Section: per Channel
VIN(DC)
Input DC Voltage Range
l
2.375
5.5
V
VOUT(DC)
Output DC Voltage Range
l
0.8
5.0
V
VOUT(DC)
Output Voltage
CIN = 22µF, COUT = 100µF, RFB = 5.76k,
VIN = 2.375V to 5.5V, IOUT = 0A to 4A (Note 6)
0°C ≤ TJ ≤ 125°C
l
1.460
1.45
1.49
1.49
1.512
1.512
V
V
VIN(UVLO)
Undervoltage Lockout Threshold
IOUT = 0A
1.6
2
2.3
V
IINRUSH(VIN)
Input Inrush Current at Start-Up
IOUT = 0A, CIN = 22µF, COUT = 100µF, VOUT = 1.5V,
VIN = 5.5V
0.35
A
IQ(VIN)
Input Supply Bias Current
VIN = 2.375V, VOUT = 1.5V, Switching Continuous
VIN = 5.5V, VOUT = 1.5V, Switching Continuous
Shutdown, RUN = 0, VIN = 5V
28
45
7
12
mA
mA
µA
IS(VIN)
Input Supply Current
VIN = 2.375V, VOUT = 1.5V, IOUT = 4A
VIN = 5.5V, VOUT = 1.5V, IOUT = 4A
3.2
1.48
A
A
IOUT(DC)
Output Continuous Current Range
VIN = 5.5V, VOUT = 1.5V (Note 6)
0
4
A
∆VOUT(LOAD + LINE)
VOUT
Load and Line Regulation Accuracy VOUT = 1.5V, 0A to 4A (Note 6)
VIN = 2.375V to 5.5V
l
±1.0
±1.3
±1.30
±1.6
%
%
VOUT(AC)
Output Ripple Voltage
IOUT = 0A, COUT = 100µF
VIN = 5V, VOUT = 1.5V
12
mVP-P
fs
Output Ripple Voltage Frequency
IOUT = 4A, VIN = 5V, VOUT = 1.5V
1.25
MHz
∆VOUT(START)
Turn-On Overshoot
COUT = 100µF, VOUT = 1.5V, RUN/SS = 10nF,
IOUT = 0A
VIN = 3.3V
VIN = 5V
20
20
mV
mV
tSTART
Turn-On Time
COUT = 100µF, VOUT = 1.5V, IOUT = 1A Resistive
Load, TRACK = VIN and RUN/SS = Float
VIN = 5V
0.5
ms
∆VOUT(LS)
Peak Deviation for Dynamic Load
Load: 0% to 50% to 0% of Full Load,
COUT = 100µF, VIN = 5V, VOUT = 1.5V
25
mV
tSETTLE
Settling Time for Dynamic Load
Step
Load: 0% to 50% to 0% of Full Load,
VIN = 5V, VOUT = 1.5V
10
µs
IOUT(PK)
Output Current Limit
COUT = 100µF, VIN = 5V, VOUT = 1.5V
8
A
VFB
Voltage at FB Pin
IOUT = 0A, VOUT = 1.5V
l
0.790
0.786
0.8
0.8
0.807
0.809
V
V
IFB
0.2
µA
VRUN
RUN Pin On/Off Threshold
0.6
0.75
0.9
V
ITRACK
TRACK Pin Current
0.2
µA
VTRACK(OFFSET)
Offset Voltage
TRACK = 0.4V
30
mV
VTRACK(RANGE)
Tracking Input Range
0
0.8
V
RFBHI
Resistor Between VOUT and FB Pins
4.96
4.99
5.02
kΩ
∆VPGOOD
PGOOD Range
±7.5
%
RPGOOD
PGOOD Resistance
Open-Drain Pull-Down
90
150
Ω
elecTrical characTerisTics The
l
denotes the specifications which apply over the full internal
operating temperature range (Note 2), otherwise specifications are at TA = 25°C, VIN = 5V, LDO_IN = 1.2V unless otherwise noted.
Per Typical Application Figure 12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com