Electronic Components Datasheet Search
  English  ▼

X  

RL151G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # RL151G
Description  1.5A GENERAL PURPOSE GPP DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

RL151G Datasheet(HTML) 1 Page - Leshan Radio Company

  RL151G Datasheet HTML 1Page - Leshan Radio Company RL151G Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
33A–1/2
1.5A
1.5A GENERAL PURPOSE GPP DIODES
TYPE
Maximum
Peak Reverse
Voltage
Maximum Average
Rectified Current
@ Half-Wave
Resistive Load 60Hz
Maximum
Forward Peak
Surge Current @
8.3ms Superimposed
Maximum
Reverse
Current @ PRV
@ T
A=25ºC
Maximum
Forward
Voltage
@ T
A=25ºC
Package
Dimensions
1.5
PRV
V PK
I O @ T L
AAV
ºC
I FM (Surge)
A PK
I R
µAdc
I FM
V FM
A PK
V PK
RL151G – RL157G
70
60
5.0
1.5
1.1
DO – 15
RL151G
RL152G
RL153G
RL154G
RL155G
RL156G
RL157G
50
100
200
400
600
800
1000
.140(3.6)
DIA
.104(2.6)
1.0(25.4)
MIN
.300(7.6)
.230(5.8)
.034(0.9)
DIA
.028(0.7)
1.0(25.4)
MIN
DO – 15


Similar Part No. - RL151G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RL151G RECTRON-RL151G Datasheet
23Kb / 2P
GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes)
logo
Shanghai Sunrise Electr...
RL151G SSE-RL151G Datasheet
13Kb / 1P
GLASS PASSIVATED JUNCTION RECTIFIER
logo
Bytes
RL151G BYTES-RL151G Datasheet
151Kb / 2P
1.5 AMP GLASS PASSIVATED RECTIFIERS
logo
Formosa MS
RL151G FORMOSA-RL151G Datasheet
32Kb / 2P
1.5 AMP GLASS PASSIVATED RECTIFIERS
logo
GOOD-ARK Electronics
RL151G GOOD-ARK-RL151G Datasheet
45Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
More results

Similar Description - RL151G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
1B5400G LRC-1B5400G Datasheet
50Kb / 2P
3A GENERAL PURPOSE GPP DIODES
1N4001G LRC-1N4001G Datasheet
51Kb / 2P
1A GENERAL PURPOSE GPP DIODES
1N4933G LRC-1N4933G Datasheet
57Kb / 2P
FAST GPP DIODES
1N4942 LRC-1N4942 Datasheet
54Kb / 2P
FAST GPP DIODES
1N5391 LRC-1N5391 Datasheet
47Kb / 2P
1.5A GENERAL DIODES
1N5391G LRC-1N5391G Datasheet
54Kb / 2P
1.5A GENERAL PURPOSE GPP DIODES
BA157G LRC-BA157G Datasheet
51Kb / 2P
FAST GPP DIODES
FR101G LRC-FR101G Datasheet
51Kb / 2P
FAST GPP DIODES
FR151G LRC-FR151G Datasheet
52Kb / 2P
FAST GPP DIODES
FR301G LRC-FR301G Datasheet
51Kb / 2P
FAST GPP DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com