Electronic Components Datasheet Search
  English  ▼

X  

RL251 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # RL251
Description  2.5A GENERAL DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

RL251 Datasheet(HTML) 1 Page - Leshan Radio Company

  RL251 Datasheet HTML 1Page - Leshan Radio Company RL251 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
27A–1/2
2.5A
2.5A GENERAL DIODES
TYPE
Maximum
Peak Reverse
Voltage
Maximum Average
Rectified Current
@ Half-Wave
Resistive Load 60Hz
Maximum
Forward Peak
Surge Current @
8.3ms Superimposed
Maximum
Reverse
Current @ PRV
@ T
A=25ºC
Maximum
Forward
Voltage
@ T
A=25ºC
Package
Dimensions
2.5
PRV
V PK
I O @ T L
AAV
ºC
I FM (Surge)
A PK
I R
µAdc
I FM
V FM
A PK
V PK
RL251– RL257
75
150
5.0
2.0
1.1
DO – 15
RL251
RL252
RL253
RL254
RL255
RL256
RL257
50
100
200
400
600
800
1000
.140(3.6)
DIA
.104(2.6)
1.0(25.4)
MIN
.300(7.6)
.230(5.8)
.034(0.9)
DIA
.028(0.7)
1.0(25.4)
MIN
DO – 15


Similar Part No. - RL251

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RL251 RECTRON-RL251 Datasheet
23Kb / 2P
SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.5 Amperes)
logo
GOOD-ARK Electronics
RL251 GOOD-ARK-RL251 Datasheet
199Kb / 3P
GENERAL PURPOSE PLASTIC RECTIFIER
logo
Micro Commercial Compon...
RL251 MCC-RL251 Datasheet
78Kb / 3P
2.5 Amp Silicon Rectifier 50 to 1000 Volts
logo
First Components Intern...
RL251 FCI-RL251 Datasheet
148Kb / 2P
2.5 Amp MINIATURE PLASTIC SILICON RECTIFIERS
logo
DAESAN ELECTRONIC CORP.
RL251 DAESAN-RL251 Datasheet
309Kb / 2P
CURRENT 2.5 Amperes VOLTAGE 50 to 1000 Volts
More results

Similar Description - RL251

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
1N4001 LRC-1N4001 Datasheet
48Kb / 2P
1A GENERAL DIODES
1N5400 LRC-1N5400 Datasheet
49Kb / 2P
3A GENERAL DIODES
FR251 LRC-FR251 Datasheet
50Kb / 2P
2.5A FAST RECOVERY DIODES
logo
TAITRON Components Inco...
RL251 TAITRON-RL251 Datasheet
155Kb / 6P
2.5A General Purpose Silicon Rectifier
RL251M TAITRON-RL251M Datasheet
174Kb / 4P
2.5A General Purpose Silicon Rectifier
logo
New Jersey Semi-Conduct...
1S923 NJSEMI-1S923 Datasheet
351Kb / 1P
General Purpose Diodes
logo
NXP Semiconductors
BAS19 NXP-BAS19_13 Datasheet
134Kb / 10P
General purpose diodes
2003 Mar 20
logo
GETAI ELECTRONICS DEVIC...
HVRW1 GETEDZ-HVRW1_17 Datasheet
530Kb / 2P
2.5A 1.0kV 150nS -High Voltage High Current Diodes
logo
Shenzhen Huazhimei Semi...
HM2490 HMSEMI-HM2490 Datasheet
895Kb / 9P
2.5A CC or CV BUCK 2.5A
logo
Shindengen Electric Mfg...
D1FS6A SHINDENGEN-D1FS6A Datasheet
1Mb / 7P
Schottky Barrier Diodes 60V, 2.5A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com