Electronic Components Datasheet Search
  English  ▼

X  

LED565-66-60 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # LED565-66-60
Description  High Power LED Array
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED565-66-60 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  LED565-66-60 Datasheet HTML 1Page - Roithner LaserTechnik GmbH LED565-66-60 Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
17.08.2011
LED565-66-60
1 of 2
LED565-66-60
TECHNICAL DATA
High Power LED Array, 60 chips
GaP
LED565-66-60 is a wide viewing and extremely high output power illuminator assembled with a
total of 60 high efficiency GaP diode chips, mounted on a metal stem TO-66 with AIN ceramics and
covered with double coated clear silicone and epoxy resin.
These devices are designed for high current operation with proper heat sinking to improver thermal
conductive efficiency.
Specifications
• Structure: GaP, 60 LED chips
• Peak Wavelength: typ. 565 nm
• Optical Output Power: typ. 8 mW
• Package: TO-66 stem with AIN,
clear epoxy resin
Absolute Maximum Ratings (TC=25°C)
Item
Symbol
Value
Unit
Power Dissipation
PD
6.5
W
Forward Current
IF
500
mA
Pulsed Forward Current *
1
IFP
600
mA
Reverse Voltage
VR
50
V
Junction Temperature
TJ
100
°C
Operating Temperature
Topr
-30 … +85
°C
Storage Temperature
Tstg
-30 … +110
°C
Soldering Temperature *
2
Tsol
265
°C
*
1 duty = 1%, pulse width = 1 µs
*
2 must be completed within 3 seconds
(Unit: mm)
Electro-Optical Characteristics
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Total Radiated Power
PO
IF = 240 mA
-
8
-
mW
Brightness
IV
IF = 240 mA
-
1.25
-
cd
Forward Voltage
VF
IF = 240 mA
-
11.0
-
V
Reverse Voltage
VR
IR = 10 µA
50
-
-
V
Peak Wavelength
λ
P
IF = 240 mA
550
565
575
nm
Half Width
Δλ
IF = 240 mA
-
15
-
nm
Viewing Half Angle
Θ
1/2
IF = 240 mA
-
±65
-
deg.
Heat Sink is required, thermal resistance <8K/W
Notes
• This high power LED must be cooled!
• Do not view directly into the emitting area of the LED during operation!
• The above specifications are for reference purpose only and subjected to change without prior notice.


Similar Part No. - LED565-66-60

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED565-04A ROITHNER-LED565-04A Datasheet
103Kb / 2P
Dual LED
LED565-04A ROITHNER-LED565-04A Datasheet
101Kb / 2P
Dual LED, 5 mm package
LED565-33U ROITHNER-LED565-33U Datasheet
163Kb / 3P
Visible LED
More results

Similar Description - LED565-66-60

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED47W-66-16100 ROITHNER-LED47W-66-16100 Datasheet
136Kb / 2P
High Power LED Array
LED365-66-60 ROITHNER-LED365-66-60 Datasheet
135Kb / 2P
High Power LED Array
LED385-66-60-110 ROITHNER-LED385-66-60-110 Datasheet
123Kb / 2P
High Power LED Array
LED450-66-60 ROITHNER-LED450-66-60 Datasheet
136Kb / 2P
High Power LED Array
LED590-66-60 ROITHNER-LED590-66-60 Datasheet
136Kb / 2P
High Power LED Array
LED645-66-60 ROITHNER-LED645-66-60 Datasheet
136Kb / 2P
High Power LED Array
LED670-66-60 ROITHNER-LED670-66-60 Datasheet
135Kb / 2P
High Power LED Array
LED850-66-60 ROITHNER-LED850-66-60 Datasheet
275Kb / 3P
High Power LED Array
LED1200-66-60 ROITHNER-LED1200-66-60 Datasheet
118Kb / 1P
High Power LED Array
LED1300-66-60 ROITHNER-LED1300-66-60 Datasheet
137Kb / 2P
High Power LED Array
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com