Electronic Components Datasheet Search
  English  ▼

X  

W06 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # W06
Description  1.5A WOM BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

W06 Datasheet(HTML) 1 Page - Leshan Radio Company

  W06 Datasheet HTML 1Page - Leshan Radio Company W06 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
2C–1/2
1.5A WOM
1.5A WOM BRIDGE RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or
inductive load. For capacitive load,derate current by 20%.
W005 – W10
TYPE
Maximum
Average
Forward
Output
Current
@TA=40°C
Maximum
Forward Peak
Surge Current
@ 8.3ms
Superimposed
Maximum DC
Forward Voltage
drop per element
at IF =1.0ADC
I O
A AV
IFM(Surge)
A PK
IR
25°CTA
125°CTA
µADC
µADC
T
J
°C
Package
Dimensions
Maximum DC
Reverse Current
at rated DC
Blocking Voltage
per element
Operating
Junction
Temperature
VF
VPK
Maximum
Peak
Reverse
Voltage
50
100
200
400
600
800
1000
W005
W01
W02
W04
W06
W08
W10
1.5
50
10
500
125
1.1
WOM RC – 2
A
1.2
(30.5)
MIN
1.0
(25.4)
MIN
.032(0.8)
.028(0.7)
POS.
LEAD
WOM RC – 2
.220(5.6)
.180(4.6)
.220(5.6)
.180(4.6)
A
.217(5.5)
.197(5.0)
.290(7.4)
.270(6.9)
B
.360(9.1)
.340(8.6)
.394(10.0)
.374(9.5)
WOM
RC-2
WOM
RC-2
φ B


Similar Part No. - W06

ManufacturerPart #DatasheetDescription
logo
Surge Components
W06 SURGE-W06 Datasheet
107Kb / 2P
Single Phase 1.5 AMPS. Silicon Bridge Rectifiers?
logo
Semtech Corporation
W06 SEMTECH-W06 Datasheet
127Kb / 2P
1.5A SINGLE - PHASE SILICON BRIDGE????
logo
Shanghai Sunrise Electr...
W06 SSE-W06 Datasheet
14Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W06 CHENYI-W06 Datasheet
140Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
EIC discrete Semiconduc...
W06 EIC-W06 Datasheet
17Kb / 2P
SILICON BRIDGE RECTIFIERS
More results

Similar Description - W06

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DF15005M DIODES-DF15005M Datasheet
66Kb / 2P
1.5A GLASS PASSIVATED BRIDGE RECTIFIERS
DS21214 Rev. D-2
logo
Leshan Radio Company
2W005 LRC-2W005 Datasheet
51Kb / 2P
2.0A WOM BRIDGE RECTIFIERS
RB150 LRC-RB150 Datasheet
53Kb / 2P
1.5A RB SERIES SIP BRIDGE RECTIFIERS
logo
Diodes Incorporated
DF15005M DIODES-DF15005M_1 Datasheet
85Kb / 3P
1.5A GLASS PASSIVATED BRIDGE RECTIFIERS
DS21214 Rev. 9 - 2
logo
TAITRON Components Inco...
W005M TAITRON-W005M Datasheet
187Kb / 4P
1.5A Bridge Rectifiers
logo
SEMTECH ELECTRONICS LTD...
RB151 SEMTECH_ELEC-RB151 Datasheet
240Kb / 2P
1.5A SINGLE-PHASE SILICON BRIDGE RECTIFIERS
W005 SEMTECH_ELEC-W005 Datasheet
240Kb / 2P
1.5A SINGLE-PHASE SILICON BRIDGE RECTIFIERS
logo
Frontier Electronics.
DF15005S FRONTIER-DF15005S Datasheet
120Kb / 2P
1.5A BRIDGE RECTIFIERS
DF15005S-LFR FRONTIER-DF15005S-LFR Datasheet
120Kb / 2P
1.5A BRIDGE RECTIFIERS
W-005M FRONTIER-W-005M Datasheet
121Kb / 2P
1.5A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com