Electronic Components Datasheet Search
  English  ▼

X  

PMD18K Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # PMD18K
Description  COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

PMD18K Datasheet(HTML) 1 Page - Central Semiconductor Corp

  PMD18K Datasheet HTML 1Page - Central Semiconductor Corp PMD18K Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PMD18K80
PMD18K100
MAXIMUM RATINGS: (TC=25°C)
SYMBOL
PMD19K80
PMD19K100
UNITS
Collector-Base Voltage
VCBO
80
100
V
Collector-Emitter Voltage
VCER
80
100
V
Collector-Emitter Voltage
VCEO
80
100
V
Emitter-Base Voltage
VEBO
5.0
V
Continuous Collector Current
IC
30
A
Peak Collector Current
ICM
60
A
Continuous Base Current
IB
750
mA
Power Dissipation (TC=50°C)
PD
240
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +200
°C
Thermal Resistance
JC
0.625
°C/W
ELECTRICAL CHARACTERISTICS: (TC=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICER
VCE=54V, RBE=2.2kΩ (PMD18K, 19K80)
10
mA
ICER
VCE=67V, RBE=2.2kΩ (PMD18K, 19K100)
10
mA
IEBO
VEB=5.0V
3.0
mA
BVCER
IC=100mA, RBE=2.2kΩ (PMD18K, 19K80)
80
V
BVCER
IC=100mA, RBE=2.2kΩ (PMD18K, 19K100) 100
V
BVCEO
IC=100mA (PMD18K, 19K80)
80
V
BVCEO
IC=100mA (PMD18K, 19K100)
100
V
VCE(SAT) IC=15A, IB=60mA
2.0
V
VBE(SAT) IC=15A, IB=60mA
2.8
V
VBE(ON)
VCE=3.0V, IC=15A
2.8
V
hFE
VCE=3.0V, IC=15A (PMD18K series)
1.0K
20K
hFE
VCE=3.0V, IC=15A (PMD19K series)
800
20K
hfe
VCE=3.0V, IC=9.0A, f=1.0kHz
300
fT
VCE=3.0V, IC=9.0A, f=1.0MHz
4.0
MHz
Cob
VCB=10V, IE=0, f=1.0MHz
600
pF
PMD18K SERIES
NPN
PMD19K SERIES
PNP
COMPLEMENTARY SILICON
DARLINGTON POWER
TRANSISTORS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR PMD18K, PMD19K
series types are complementary silicon Darlington
power transistors, manufactured by the epitaxial base
process, designed for power switching applications.
These devices are designed to be electrical/mechanical
equivalents to Lambda part numbers.
MARKING: FULL PART NUMBER
TO-3 CASE
R1 (2-October 2012)
www.centr a lsemi.com


Similar Part No. - PMD18K

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
PMD18K CENTRAL-PMD18K Datasheet
53Kb / 1P
SILICON POWER DARINGTON TRANSISTORS
PMD18K100 CENTRAL-PMD18K100 Datasheet
53Kb / 1P
SILICON POWER DARINGTON TRANSISTORS
PMD18K100 CENTRAL-PMD18K100 Datasheet
54Kb / 1P
Power Transistors
logo
Seme LAB
PMD18K100 SEME-LAB-PMD18K100 Datasheet
21Kb / 2P
NPN DARLINGTON POWER TRANSISTOR
logo
Central Semiconductor C...
PMD18K60 CENTRAL-PMD18K60 Datasheet
53Kb / 1P
SILICON POWER DARINGTON TRANSISTORS
More results

Similar Description - PMD18K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BDW83C STMICROELECTRONICS-BDW83C Datasheet
67Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Jun-1997
BDX53B STMICROELECTRONICS-BDX53B Datasheet
80Kb / 6P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Sep-1999
logo
Boca Semiconductor Corp...
2N6298 BOCA-2N6298 Datasheet
184Kb / 4P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
logo
STMicroelectronics
BDX87C STMICROELECTRONICS-BDX87C Datasheet
70Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Jun-1997
logo
Central Semiconductor C...
2N6034 CENTRAL-2N6034 Datasheet
346Kb / 2P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
2N6053 CENTRAL-2N6053 Datasheet
55Kb / 1P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
TIP100 CENTRAL-TIP100 Datasheet
70Kb / 1P
Silicon Power darlington Complementary transistors
MJ4032 CENTRAL-MJ4032 Datasheet
582Kb / 2P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
ON Semiconductor
BDW42G ONSEMI-BDW42G Datasheet
89Kb / 7P
Darlington Complementary Silicon Power Transistors
August, 2016 ??Rev. 17
logo
Tiger Electronic Co.,Lt...
MJD112 TGS-MJD112 Datasheet
204Kb / 1P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com