Electronic Components Datasheet Search
  English  ▼

X  

UPD98409 Datasheet(PDF) 8 Page - NEC

Part # UPD98409
Description  ATM LIGHT SAR CONTROLLER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD98409 Datasheet(HTML) 8 Page - NEC

Back Button UPD98409 Datasheet HTML 4Page - NEC UPD98409 Datasheet HTML 5Page - NEC UPD98409 Datasheet HTML 6Page - NEC UPD98409 Datasheet HTML 7Page - NEC UPD98409 Datasheet HTML 8Page - NEC UPD98409 Datasheet HTML 9Page - NEC UPD98409 Datasheet HTML 10Page - NEC UPD98409 Datasheet HTML 11Page - NEC UPD98409 Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
8
µµµµPD98409
1.2 Bus Interface Pins
The
µPD98409 employs a 32-bit PCI bus interface as a bus interface with the host. This interface conforms to
“PCI Local Bus Specification Revision 2.1”.
(1/2)
Pin Name
Pin No.
I/O
I/O Level
Function
AD31-AD0
238, 239,
3 - 6,
9, 10,
16 - 19,
22 - 25,
42 - 45,
48 - 51,
55 - 57,
62 - 65,
68
I/O
3-state
PCI
Address/data.
AD31 through AD0 are 32 bits of multiplexed address and data bus
signals. When the
µPD98409 operates as the bus master, it drives an
address at the first one clock, and transfers data at the second clock
and onward.
PCBE3_B
PCBE2_B
PCBE1_B
PCBE0_B
11,
27,
39,
54
I/O
3-state
PCI
Bus command and byte enable.
These signals define “bus commands” (generated bus transaction) in an
address phase. In a data phase, they indicate which byte lane holds
valid data. The PCBE3_B pin corresponds to byte 3 (bits 31 through
24), and PCBE0_B pin corresponds to byte 0 (bits 7 through 0).
PAR
38
I/O
3-state
PCI
Parity.
This signal inputs/outputs an even parity on the AD31 through AD0
and PCBE3_B through PCBE0_B pins including the PAR signal.
When the
µPD98409 operates as the master, the PAR signal is output
in the address and write data phases. When the
µPD98409 operates
as a target, the PAR signal is output in the read data phase.
FRAME_B
28
I/O
Sustained
3-state
PCI
Frame.
This signal indicates the start and period of bus transaction. When
this signal becomes active, it indicates the start of bus transaction.
While it is active, data is transferred. When the next data transfer
phase is for the last data of the transaction, this signal becomes
inactive.
TRDY_B
30
I/O
Sustained
3-state
PCI
Target ready.
This signal goes low when the target device is ready to complete the
transaction of the current data phase. This signal is used in pairs with
IRDY_B. When both IRDY_B and TRDY_B are low, read/write data
transfer is executed.
IRDY_B
29
I/O
Sustained
3-state
PCI
Initiator ready.
This signal goes low when the initiator is ready to complete the
transaction of the current data phase. This signal is used in pairs with
TRDY_B. When both IRDY_B and TRDY_B are low, read/write data
transfer is executed. If both FRAME_B and IRDY_B are inactive, the
bus cycle is not executed, and wait cycles are inserted until both
IRDY_B and TRDY_B become active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com