Electronic Components Datasheet Search
  English  ▼

X  

LT3688 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3688
Description  Dual 800mA Step-Down Switching Regulator with Power-On Reset and Watchdog Timer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3688 Datasheet(HTML) 2 Page - Linear Technology

  LT3688_15 Datasheet HTML 1Page - Linear Technology LT3688_15 Datasheet HTML 2Page - Linear Technology LT3688_15 Datasheet HTML 3Page - Linear Technology LT3688_15 Datasheet HTML 4Page - Linear Technology LT3688_15 Datasheet HTML 5Page - Linear Technology LT3688_15 Datasheet HTML 6Page - Linear Technology LT3688_15 Datasheet HTML 7Page - Linear Technology LT3688_15 Datasheet HTML 8Page - Linear Technology LT3688_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LT3688
2
3688f
ABSOLUTE MAXIMUM RATINGS
VIN, EN/UVLO, CONFIG Voltage (Note 2)...................36V
BST Voltage ..............................................................55V
BST above SW Voltage .............................................30V
BIAS Voltage .............................................................30V
WDE, WDI, RST, WDO Voltage ...................................6V
FB, RT, SYNC, RUN/SS Voltage ..................................6V
CWDT, CPOR Voltage ....................................................3V
1
2
3
4
5
6
7
8
9
10
11
12
TOP VIEW
FE PACKAGE
24-LEAD PLASTIC TSSOP
24
23
22
21
20
19
18
17
16
15
14
13
FB1
RUN/SS1
BST1
SW1
DA1
VIN
CONFIG
DA2
SW2
BST2
RUN/SS2
FB2
EN/UVLO
SYNC
RT
CWDT
CPOR1
BIAS
CPOR2
WDI
WDE
WDO
RST1
RST2
25
GND
θJA = 38°C/W
EXPOSED PAD (PIN 25) IS GND, MUST BE ELECTRICALLY CONNECTED TO PCB
24 23 22 21 20 19
7
8
9
TOP VIEW
UF PACKAGE
24-LEAD (4mm
× 4mm) PLASTIC QFN
10 11 12
6
5
4
3
2
1
13
14
15
16
17
18
RT
SYNC
EN/UVLO
FB1
RUN/SS1
BST1
WDO
RST1
RST2
FB2
RUN/SS2
BST2
25
GND
θJA = 37°C/W
EXPOSED PAD (PIN 25) IS GND, MUST BE ELECTRICALLY CONNECTED TO PCB
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3688EFE#PBF
LT3688EFE#TRPBF
LT3688FE
24-Lead Plastic TSSOP
–40°C to 125°C
LT3688IFE#PBF
LT3688IFE#TRPBF
LT3688FE
24-Lead Plastic TSSOP
–40°C to 125°C
LT3688HFE#PBF
LT3688HFE#TRPBF
LT3688FE
24-Lead Plastic TSSOP
–40°C to 150°C
LT3688EUF#PBF
LT3688EUF#TRPBF
3688
24-Lead (4mm
× 4mm) Plastic QFN
–40°C to 125°C
LT3688IUF#PBF
LT3688IUF#TRPBF
3688
24-Lead (4mm
× 4mm) Plastic QFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
(Note 1)
Operating Junction Temperature Range (Note 3)
LT3688E, LT3688I ..............................–40°C to 125°C
LT3688H ............................................–40°C to 150°C
Maximum Junction Temperature
LT3688E, LT3688I ............................................. 125°C
LT3688H ........................................................... 150°C
Storage Temperature Range...................–65°C to 150°C
Lead Temperature (Soldering, 10 sec)
FE Package ....................................................... 300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com