Electronic Components Datasheet Search
  English  ▼

X  

LED720-66-60 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # LED720-66-60
Description  High Power LED Array
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED720-66-60 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  LED720-66-60 Datasheet HTML 1Page - Roithner LaserTechnik GmbH LED720-66-60 Datasheet HTML 2Page - Roithner LaserTechnik GmbH LED720-66-60 Datasheet HTML 3Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
25.04.2012
LED720-66-60
1 of 3
LED720-66-60
TECHNICAL DATA
High Power LED Array, 60 chips
AlGaAs
LED720-66-60 is a wide viewing and extremely high output power illuminator assembled with a
total of 60 high efficiency AlGaAs diode chips, mounted on a metal stem TO-66 with AIN ceramics
and covered with double coated clear silicone and epoxy resin.
These devices are designed for high current operation with proper heat sinking to improver thermal
conductive efficiency.
Specifications
(Unit: mm)
•
Structure:
AlGaAs, 60 LED chips
•
Peak Wavelength:
720 nm
•
Optical Output Power:
550 mW
•
Package:
TO-66 stem with AIN
•
Lens:
clear silicone and epoxy resin
Absolute Maximum Ratings (TA=25°C)
Item
Symbol
Value
Unit
Power Dissipation
PD
8.0
W
Forward Current
IF
750
mA
Pulse Forward Current *
1
IFP
3
A
Reverse Voltage
VR
50
V
Junction Temperature
TJ
100
°C
Thermal Resistance *
2
RTH
2
K/W
Operating Temperature
Topr
-30 … +80
°C
Storage Temperature
Tstg
-30 … +110
°C
Soldering Temperature *
3
Tsol
240
°C
*
1 duty = 1%, pulse width = 1 µs
*
2 junction – package, mounted on heat sink
*
3 must be completed within 3 seconds at 260°C
Electro-Optical Characteristics
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Peak Wavelength
λ
P
IF = 600 mA
-
720
-
nm
Half Width
Δλ
IF = 600 mA
-
30
-
nm
Total Radiated Power
PO
IF = 600 mA
-
550
-
mW
IFP = 3 A
-
2750
-
Radiant Intensity
IE
IF = 600 mA
-
180
-
mW/sr
Forward Voltage
VF
IF = 600 mA
-
9.5
-
V
Reverse Voltage
VR
IR = 10 µA
50
-
-
V
Viewing Half Angle
Θ
1/2
IF = 600 mA
-
±60
-
deg.
Rise Time
tR
IF = 600 mA
-
100
-
ns
Fall Time
tF
IF = 600 mA
-
100
-
ns
Heat Sink is required
, to keep the LED at ≤60 °C.
Note: The above specifications are for reference purpose only and subjected to change without prior notice.


Similar Part No. - LED720-66-60

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED720-66-16100 ROITHNER-LED720-66-16100 Datasheet
88Kb / 1P
SUPER HIGH POWER INFRARED LED
More results

Similar Description - LED720-66-60

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED47W-66-16100 ROITHNER-LED47W-66-16100 Datasheet
136Kb / 2P
High Power LED Array
LED365-66-60 ROITHNER-LED365-66-60 Datasheet
135Kb / 2P
High Power LED Array
LED385-66-60-110 ROITHNER-LED385-66-60-110 Datasheet
123Kb / 2P
High Power LED Array
LED450-66-60 ROITHNER-LED450-66-60 Datasheet
136Kb / 2P
High Power LED Array
LED590-66-60 ROITHNER-LED590-66-60 Datasheet
136Kb / 2P
High Power LED Array
LED645-66-60 ROITHNER-LED645-66-60 Datasheet
136Kb / 2P
High Power LED Array
LED670-66-60 ROITHNER-LED670-66-60 Datasheet
135Kb / 2P
High Power LED Array
LED850-66-60 ROITHNER-LED850-66-60 Datasheet
275Kb / 3P
High Power LED Array
LED1200-66-60 ROITHNER-LED1200-66-60 Datasheet
118Kb / 1P
High Power LED Array
LED1300-66-60 ROITHNER-LED1300-66-60 Datasheet
137Kb / 2P
High Power LED Array
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com