Electronic Components Datasheet Search
  English  ▼

X  

STUD426S Datasheet(PDF) 1 Page - SamHop Microelectronics Corp.

Part # STUD426S
Description  Super high dense cell design for low RDS (ON).
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STUD426S Datasheet(HTML) 1 Page - SamHop Microelectronics Corp.

  STUD426S Datasheet HTML 1Page - SamHop Microelectronics Corp. STUD426S Datasheet HTML 2Page - SamHop Microelectronics Corp. STUD426S Datasheet HTML 3Page - SamHop Microelectronics Corp. STUD426S Datasheet HTML 4Page - SamHop Microelectronics Corp. STUD426S Datasheet HTML 5Page - SamHop Microelectronics Corp. STUD426S Datasheet HTML 6Page - SamHop Microelectronics Corp. STUD426S Datasheet HTML 7Page - SamHop Microelectronics Corp. STUD426S Datasheet HTML 8Page - SamHop Microelectronics Corp. STUD426S Datasheet HTML 9Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
N-C hannel Logic Level E nhancement Mode F ield E ffect Transistor
TO-252 and TO-251 P ackage.
AB S OLUTE MAXIMUM R ATING S (Ta=25 C unless otherwise noted)
S amHop Microelectronics C orp.
1
P R ODUC T S UMMAR Y
V DS S
ID
R DS (ON) ( m
Ω )
40V
53A
@ V GS =10V
10 @ V GS =4.5V
FE AT UR E S
S uperhighdense cell design forlow R DS (ON).
R ugged and reliable.
S
G
D
STU S ER IE S
TO-252AA(D-P AK )
STD S ER IE S
TO-251(l-P AK )
G
G
S
S
D
D
Typ
S T U/D426S
Oct,2007
8
3
50
40
20
53
20
-55 to 175
50
a
100
Parameter
Symbol
Unit
Drain-S ource Voltage
VDS
V
Gate-S ource Voltage
VGS
V
Drain Current-Continuous
Ta=
-Pulsed
ID
A
A
A
IDM
Drain-S ource Diode Forward Current
IS
25 C
THER MAL C HAR AC TER IS TIC S
Thermal R esistance, J unction-to-C ase
Thermal R esistance, J unction-to-Ambient
R JC
R JA
/W
C
/W
C
W
Maximum P ower Dissipation
P D
Operating J unction and S torage
Temperature R ange
TJ,TSTG
C
Ta= 25 C
Limit
Avalanche Current
Avalanche Energy
c
c
IAS
EAS
A
mJ
20
100
@
@
ver1.1


Similar Part No. - STUD426S

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STUD420S SAMHOP-STUD420S Datasheet
97Kb / 8P
S uper high dense cell design for low R DS (ON).
STUD421S SAMHOP-STUD421S Datasheet
124Kb / 8P
Super high dense cell design for low RDS(ON).
STUD428S SAMHOP-STUD428S Datasheet
100Kb / 9P
S uper high dense cell design for low R DS (ON).
More results

Similar Description - STUD426S

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDUD01N70 SAMHOP-SDUD01N70 Datasheet
161Kb / 11P
Super high dense cell design for low RDS(ON).
SDUD06N70 SAMHOP-SDUD06N70 Datasheet
137Kb / 11P
Super high dense cell design for low RDS(ON).
SDUD07N65 SAMHOP-SDUD07N65 Datasheet
137Kb / 11P
Super high dense cell design for low RDS(ON).
SP2106 SAMHOP-SP2106 Datasheet
115Kb / 7P
Super high dense cell design for low RDS(ON).
SP2702 SAMHOP-SP2702 Datasheet
115Kb / 7P
Super high dense cell design for low RDS(ON).
SP3902 SAMHOP-SP3902 Datasheet
118Kb / 7P
Super high dense cell design for low RDS(ON).
SP4401 SAMHOP-SP4401 Datasheet
129Kb / 8P
Super high dense cell design for low RDS(ON).
SP8007 SAMHOP-SP8007 Datasheet
120Kb / 8P
Super high dense cell design for low RDS(ON).
SP8076 SAMHOP-SP8076 Datasheet
85Kb / 6P
Super high dense cell design for low RDS(ON).
SP8601 SAMHOP-SP8601 Datasheet
103Kb / 7P
Super high dense cell design for low RDS(ON).
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com