Electronic Components Datasheet Search
  English  ▼

X  

STUD428S Datasheet(PDF) 1 Page - SamHop Microelectronics Corp.

Part # STUD428S
Description  S uper high dense cell design for low R DS (ON).
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STUD428S Datasheet(HTML) 1 Page - SamHop Microelectronics Corp.

  STUD428S Datasheet HTML 1Page - SamHop Microelectronics Corp. STUD428S Datasheet HTML 2Page - SamHop Microelectronics Corp. STUD428S Datasheet HTML 3Page - SamHop Microelectronics Corp. STUD428S Datasheet HTML 4Page - SamHop Microelectronics Corp. STUD428S Datasheet HTML 5Page - SamHop Microelectronics Corp. STUD428S Datasheet HTML 6Page - SamHop Microelectronics Corp. STUD428S Datasheet HTML 7Page - SamHop Microelectronics Corp. STUD428S Datasheet HTML 8Page - SamHop Microelectronics Corp. STUD428S Datasheet HTML 9Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
N-C hannel Logic Level E nhancement Mode F ield E ffect Transistor
AB S OLUTE MAXIMUM R ATING S (Ta=25 C unless otherwise noted)
S amHop Microelectronics C orp.
1
P R ODUC T S UMMAR Y
V DS S
ID
R DS (ON) ( m
Ω )
40V
50A
@ V GS =10V
10 @ V GS =4.5V
STU S ER IE S
TO-252AA(D-P AK )
STD S ER IE S
TO-251(l-P AK )
G
G
S
S
D
D
Typ
S T U/D428S
Mar.8,2007
THERMAL CHARACTERISTICS
Thermal Resistance, Junction-to-Case
Thermal Resistance, Junction-to-Ambient
R JC
3
50
R JA
/W
C
/W
C
40
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
Gate-Source Voltage
20
VGS
V
-Pulsed
50
ID
A
IDM
A
Drain-Source Diode Forward Current
20
IS
A
Maximum Power Dissipation
PD
W
Operating and Storage Temperature Range
TJ,TSTG
-55 to 175
C
@Tc=25 C
50
Drain Current-Continuous @TC=25 C
a
100
V
8
Surface Mount P ackage.
FE AT UR E S
S uper high dense cell design for low R DS (ON).
R ugged and reliable.
ESD P rotected.
G
D
S


Similar Part No. - STUD428S

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STUD420S SAMHOP-STUD420S Datasheet
97Kb / 8P
S uper high dense cell design for low R DS (ON).
STUD421S SAMHOP-STUD421S Datasheet
124Kb / 8P
Super high dense cell design for low RDS(ON).
STUD426S SAMHOP-STUD426S Datasheet
119Kb / 9P
Super high dense cell design for low RDS (ON).
More results

Similar Description - STUD428S

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDT02N02 SAMHOP-SDT02N02 Datasheet
129Kb / 7P
S uper high dense cell design for low R DS (ON).
STA6968 SAMHOP-STA6968 Datasheet
118Kb / 6P
S uper high dense cell design for low R DS (ON).
STM4470A SAMHOP-STM4470A Datasheet
123Kb / 7P
S uper high dense cell design for low R DS (ON).
STS2306A SAMHOP-STS2306A Datasheet
145Kb / 7P
S uper high dense cell design for low R DS (ON).
STS2306E SAMHOP-STS2306E Datasheet
141Kb / 7P
S uper high dense cell design for low R DS (ON).
STUD302S SAMHOP-STUD302S Datasheet
110Kb / 9P
S uper high dense cell design for low R DS (ON).
STUD303S SAMHOP-STUD303S Datasheet
190Kb / 8P
S uper high dense cell design for low R DS (ON).
STUD410S SAMHOP-STUD410S Datasheet
90Kb / 8P
S uper high dense cell design for low R DS (ON).
STUD2030PLS SAMHOP-STUD2030PLS Datasheet
131Kb / 9P
S uper high dense cell design for low R DS (ON).
STUD3055L SAMHOP-STUD3055L Datasheet
125Kb / 8P
S uper high dense cell design for low R DS (ON).
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com