Electronic Components Datasheet Search
  English  ▼

X  

LT8500 Datasheet(PDF) 2 Page - Linear Technology

Part # LT8500
Description  48-Channel LED PWM Generator with 12-Bit Resolution and 50MHz Cascadable Serial Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8500 Datasheet(HTML) 2 Page - Linear Technology

  LT8500_15 Datasheet HTML 1Page - Linear Technology LT8500_15 Datasheet HTML 2Page - Linear Technology LT8500_15 Datasheet HTML 3Page - Linear Technology LT8500_15 Datasheet HTML 4Page - Linear Technology LT8500_15 Datasheet HTML 5Page - Linear Technology LT8500_15 Datasheet HTML 6Page - Linear Technology LT8500_15 Datasheet HTML 7Page - Linear Technology LT8500_15 Datasheet HTML 8Page - Linear Technology LT8500_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LT8500
2
8500f
pin conFiguraTion
absoluTe MaxiMuM raTings
VCC............................................................... –0.3V to 6V
SDI, SCKI, PWMCK, OPENLED,
LDIBLANK......... –0.3V to Lesser of 6V and (VCC + 0.3V)
Operating Junction Temperature Range
(Note 2).................................................. –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
(Note 1)
19 20 21 22
TOP VIEW
57
GND
UHH PACKAGE
56-LEAD (5mm × 9mm) PLASTIC QFN
23 24 25 26 27 28
56 55 54 53 52 51 50 49 48 47
39
40
41
42
43
44
45
46
8
7
6
5
4
3
2
1
PWM1
PWM24
PWM23
PWM22
PWM21
PWM28
PWM27
PWM26
PWM25
PWM32
PWM31
PWM30
PWM29
PWM20
PWM19
PWM18
PWM17
PWM40
PWM12
PWM5
PWM6
PWM7
PWM8
LDIBLANK
SDI
PWMCK
SCKO
VCC
SCKI
SDO
OPENLED
PWM33
PWM34
PWM35
PWM36
PWM45
38
37
36
35
34
33
32
31
30
29
9
10
11
12
13
14
15
16
17
18
TJMAX = 125°C, θJA = 35°C/W, θJC = 5°C/W
EXPOSED PAD (PIN 57) IS GND, MUST BE SOLDERED TO PCB
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT8500EUHH#PBF
LT8500EUHH#TRPBF
8500
56-Lead (5mm × 9mm) Plastic QFN
–40°C to 125°C
LT8500IUHH#PBF
LT8500IUHH#TRPBF
8500
56-Lead (5mm × 9mm) Plastic QFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com