Electronic Components Datasheet Search
  English  ▼

X  

FMMT489 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # FMMT489
Description  30V NPN MEDIUM POWER TRANSISTOR IN SOT23
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT489 Datasheet(HTML) 1 Page - Diodes Incorporated

  FMMT489_15 Datasheet HTML 1Page - Diodes Incorporated FMMT489_15 Datasheet HTML 2Page - Diodes Incorporated FMMT489_15 Datasheet HTML 3Page - Diodes Incorporated FMMT489_15 Datasheet HTML 4Page - Diodes Incorporated FMMT489_15 Datasheet HTML 5Page - Diodes Incorporated FMMT489_15 Datasheet HTML 6Page - Diodes Incorporated FMMT489_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FMMT489
Document number: DS33090 Rev. 4 - 2
1 of 7
www.diodes.com
May 2013
© Diodes Incorporated
FMMT489
A Product Line of
Diodes Incorporated
30V NPN MEDIUM POWER TRANSISTOR IN SOT23
Features
BVCEO > 30V
IC = 1A high Continuous Collector Current
ICM Up to 4A Peak Pulse Current
Excellent hFE Characteristics Up To 4A
RSAT = 175mΩ @ 1A for a Low Equivalent On-Resistance
Low Saturation Voltage < 300mV @ 1A
500mW Power Dissipation
Complementary PNP Type: FMMT589
Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOT-23
Case material: Molded Plastic. “Green” Molding Compound.
UL Flammability Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish - Matte Tin Plated Leads, Solderable
per MIL-STD-202, Method 208
Weight: 0.008 grams (Approximate)
Ordering Information (Note 4)
Product
Marking
Reel Size (inches)
Tape Width (mm)
Quantity per Reel
FMMT489TA
489
7
8
3,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
e3
Top View
SOT23
Device Symbol
Top View
Pin-Out
489 = Product Type Marking Code
C
E
B
C
E
B


Similar Part No. - FMMT489_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT489TA DIODES-FMMT489TA Datasheet
54Kb / 1P
SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
OCTOBER 1995
More results

Similar Description - FMMT489_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT491 DIODES-FMMT491 Datasheet
324Kb / 8P
Medium power NPN transistor in SOT23
November 2007
FMMT491TA DIODES-FMMT491TA Datasheet
153Kb / 7P
60V NPN MEDIUM POWER TRANSISTOR IN SOT23
Rev 6
FMMT491Q DIODES-FMMT491Q Datasheet
303Kb / 7P
60V NPN MEDIUM POWER TRANSISTOR IN SOT23
Rev 1
FMMT451 DIODES-FMMT451_15 Datasheet
507Kb / 7P
60V NPN MEDIUM POWER TRANSISTOR IN SOT23
Rev 4
FMMT491 DIODES-FMMT491_15 Datasheet
393Kb / 7P
60V NPN MEDIUM POWER TRANSISTOR IN SOT23
Rev 8
FMMT491Q DIODES-FMMT491Q_15 Datasheet
303Kb / 7P
60V NPN MEDIUM POWER TRANSISTOR IN SOT23
Rev 1
FMMT493 DIODES-FMMT493_15 Datasheet
385Kb / 7P
100V NPN MEDIUM POWER TRANSISTOR IN SOT23
Rev 4
ZXTN2031F DIODES-ZXTN2031F_15 Datasheet
407Kb / 7P
50V NPN MEDIUM POWER TRANSISTOR IN SOT23
Rev 3
BCX41 DIODES-BCX41 Datasheet
430Kb / 7P
125V NPN MEDIUM POWER TRANSISTOR IN SOT23
June 2018 Rev. 4 - 2
ZTN23015CFHQ DIODES-ZTN23015CFHQ Datasheet
601Kb / 7P
15V NPN MEDIUM POWER TRANSISTOR IN SOT23
July 2020 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com