Electronic Components Datasheet Search
  English  ▼

X  

BST52 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BST52
Description  80V NPN SILICON PLANAR DARLINGTON TRANSISTOR IN SOT89
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BST52 Datasheet(HTML) 2 Page - Diodes Incorporated

  BST52_15 Datasheet HTML 1Page - Diodes Incorporated BST52_15 Datasheet HTML 2Page - Diodes Incorporated BST52_15 Datasheet HTML 3Page - Diodes Incorporated BST52_15 Datasheet HTML 4Page - Diodes Incorporated BST52_15 Datasheet HTML 5Page - Diodes Incorporated BST52_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BST52
Datasheet Number: DS33022 Rev. 4 - 2
2 of 6
www.diodes.com
December 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
BST52
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
90
V
Collector-Emitter Voltage
VCEO
80
V
Emitter-Base Voltage
VEBO
10
V
Continuous Collector Current
IC
500
mA
Peak Pulse Current
ICM
1.5
A
Base Current
IB
100
mA
Thermal Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 4)
PD
1
W
Thermal Resistance, Junction to Ambient (Note 4)
RθJA
125
°C/W
Thermal Resistance, Junction to Leads (Note 5)
RθJL
8.66
°C/W
Operating and Storage Temperature Range
TJ,TSTG
-55 to +150
°C
Notes:
4. For a device surface mounted on 25mm X 25mm FR4 PCB with high coverage of single sided 1 oz copper, in still air conditions; the device is measured
when operating in a steady-state condition.
5. Thermal resistance from junction to solder-point (on the exposed collector pad).
Thermal Characteristics
0
20
40
60
80
100 120 140 160
0.0
0.2
0.4
0.6
0.8
1.0
25mm x 25mm 1oz Cu
Derating Curve
Temperature (°C)
100µ
1m
10m 100m
1
10
100
1k
0
20
40
60
80
100
120
25mm x 25mm 1oz Cu
T
amb = 25°C
Transient Thermal Impedance
D=0.5
D=0.2
D=0.1
Single Pulse
D=0.05
Pulse Width (s)
100µ
1m
10m 100m
1
10
100
1k
1
10
100
25mm x 25mm 1oz Cu
T
amb = 25°C
Single pulse
Pulse Power Dissipation
Pulse Width (s)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com