Electronic Components Datasheet Search
  English  ▼

X  

2N3763 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # 2N3763
Description  PNP SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N3763 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  2N3763 Datasheet HTML 1Page - Central Semiconductor Corp 2N3763 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N3762 / 2N3763
PNP SILICON TRANSISTOR
ELECTRICAL CHARACTERISTICS (Continued)
2N3762
2N3763
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNITS
hFE
VCE=1.0V, IC=10mA
35
35
hFE
VCE=1.0V, IC=150mA
40
40
hFE
VCE=1.0V, IC=500mA
35
35
hFE
VCE=1.5V, IC=1.0A
20
80
30
120
hFE
VCE=5.0V, IC=1.5A
20
30
|hfe|
VCE=10V, IC=50mA, f=100MHz
1.8
1.5
Cob
VCB=10V, IE=0, f=100kHz
15
15
pF
Cib
VBE=0.5V, IC=0, f=100kHz
80
80
pF
td
VCC=30V, VBE(off)=2.0V, IC=1.0A, IB1=100mA
8.0
8.0
ns
tr
VCC=30V, VBE(off)=2.0V, IC=1.0A, IB1=100mA
3.5
3.5
ns
ts
VCC=30V, IC=1.0A, IB1=-IB2=100mA
80
80
ns
tf
VCC=30V, IC=1.0A, IB1=-IB2=100mA
35
35
ns
Qτ
VCC=30V, IC=1.0A, IB=100mA
30
30
pC
JEDEC TO-39 PACKAGE - MECHANICAL OUTLINE
LEAD CODE:
1. Emitter
2. Base
3. Collector
R1
G
H
LEAD #3
LEAD #2
LEAD #1
I
J
F
C
E
D
45°
B
A
MIN
MAX
MIN
MAX
A (DIA)
0.335
0.370
8.51
9.40
B (DIA)
0.315
0.335
8.00
8.51
C
-
0.040
-
1.02
D
0.240
0.260
6.10
6.60
E
0.500
-
12.70
-
F (DIA)
0.016
0.021
0.41
0.53
G (DIA)
H
I
0.028
0.034
0.71
0.86
J
0.029
0.045
0.74
1.14
TO-39 (REV: R1)
DIMENSIONS
SYMBOL
INCHES
MILLIMETERS
0.200
0.100
5.08
2.54



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com