Electronic Components Datasheet Search
  English  ▼

X  

LXT908PC Datasheet(PDF) 13 Page - Level One

Part # LXT908PC
Description  Universal Ethernet Interface Adapter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

LXT908PC Datasheet(HTML) 13 Page - Level One

Back Button LXT908PC Datasheet HTML 9Page - Level One LXT908PC Datasheet HTML 10Page - Level One LXT908PC Datasheet HTML 11Page - Level One LXT908PC Datasheet HTML 12Page - Level One LXT908PC Datasheet HTML 13Page - Level One LXT908PC Datasheet HTML 14Page - Level One LXT908PC Datasheet HTML 15Page - Level One LXT908PC Datasheet HTML 16Page - Level One LXT908PC Datasheet HTML 17Page - Level One Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
/;7äíå $SSOLFDWLRQ ,QIRUPDWLRQ
ììðììä
L1
'XDO 1HWZRUN 6XSSRUWðìí%DVH 7
DQG 7RNHQ 5LQJ
)LJXUH ìí VKRZV WKH /;7äíå ZLWK D 7H[DV ,QVWUXPHQWV
êåí&ëç &RPP3URFHVVRUï 7KH êåí&ëç LV FRPSDWLEOH ZLWK
0RGH é õ0'ëãí /RZñ +LJKñ +LJKôï :KHQ XVHG ZLWK WKH
êåí&ëçñ ERWK WKH /;7äíå DQG D 706êåíèé 7RNHQ 5LQJ
WUDQVFHLYHU FDQ EH WLHG WR D VLQJOH 5-éè DOORZLQJ GXDO QHWð
ZRUN VXSSRUW IURP D VLQJOH FRQQHFWRUï 7KH /;7äíå $8,
SRUW LV QRW XVHGï
)LJXUH ìíã /;7äíåîêåí&ëç ,QWHUIDFH IRU 'XDO 1HWZRUN 6XSSRUW RI ìí%$6(ð7 DQG 7RNHQ 5LQJ
ëí 0+]
ëí S)
ëí S)
&/.,
7;'
73,1
ìíí Ω
73,3
ìãì
ììç
ìé
ç
è
é
ê
ë
ì
ìì
ìå S)
ä
7321$
7321%
7323%
7323$
5-éè
ê
ç
å
)URP 7, 706êåíèé 7RNHQ
5LQJ 7UDQVFHLYHU
&,1
&,3
'21
'23
',1
',3
5%,$6
*1'ë
*1'ì
7(1
ì
ìëïé NΩ
7&/.
5&/.
5;'
&'
&2/
/%.
3$8,
$8726(/
17+
'64(
/,
0'ë
0'ì
0'í
-$%
3/5
7;'
7;(
7;&
5;&
5;'
&56
&2/
/%.
*UHHQ 5HG 5HG 5HG
352*5$00,1*
237,216
02'( 6(/(&7
/,1( 67$786
ìø
òêïê RU
òè 9
/('&î)'(
/('5
/('7î3'1
/('/
9&&ì
9&&ë
&/.2
êêí
êêí
êêí
êêí
êåí&ëç
ë
7R 7, 706êåíèé 7RNHQ 5LQJ
7UDQVFHLYHU
ìãë
%LDV UHVLVWRU 5%,$6 VKRXOG EH ORFDWHG FORVH WR WKH SLQ
DQG LVRODWHG IURP RWKHU VLJQDOVï
ì
ë
$GGLWLRQDO PDJQHWLFV DQG VZLWFKLQJ ORJLF õQRW VKRZQô
LV UHTXLUHG WR LPSOHPHQW WKH GXDO QHWZRUN VROXWLRQï
7(67
ììïè Ω 1%
ììïè Ω 1%
ëëíS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com