Electronic Components Datasheet Search
  English  ▼

X  

LED920-66-16100 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # LED920-66-16100
Description  SUPER HIGH POWER INFRARED LED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED920-66-16100 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  LED920-66-16100 Datasheet HTML 1Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LED920-66-16100
TECHNICAL DATA
SUPER HIGH POWER INFRARED LED
Structure: 16 power LED chips, 4 x 4 parallel array
Peak Wavelength: typ. 920 nm
Optical Output Power: typ. 650 mW cw @ 2.0 A
Package: TO-66 with silicone + epoxy resin
Absolute Maximum Ratings (Tc = 25°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Power dissipation
PD
20
W
DC forward current **)
IF
2.2
A
Pulse forward current
*)
IFP
-
A
Reverse voltage
VR
5
V
Operating lifetime
T
50.000
h
Operating case temperature
TOP
-30 .. +70
°C
Storage temperature
TSTG
-60 .. +85
°C
*) Pulse width
≤ 10 µs, f ≤ 500 Hz
Optical-Electrical Characteristics (Tc = 25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Radiant flux
θ
e (920 nm)
IF = 1.4 A
400
450
500
mW
Radiant flux
θ
e (920 nm)
IF = 2.0 A
600
650
700
mW
Luminous intensity
Iv (920 nm)
IF = 1.4 A
-
-
-
cd
Forward voltage
VF
IF = 1.4 A
5.2
5.5
6.0
V
Reverse current
IR
VR = 5 V
10
µA
Peak wavelength
λ
P
IF = 1.4 A
905
920
930
nm
Spectrum half width
∆λ
IF = 1.4 A
30
nm
Emission angle FWHM
θ
½
IF = 1.4 A
±60
°
IMPORTANT NOTE FOR SAFE OPERATION
This high power LED must be cooled! **) Use a heat sink with a thermal resistance
≤8K/W. Maximum uncooled
allowed operation current
≤80 mA. Do not view directly into the emitting area of the LED when in operation!
ROITHNER LASERTECHNIK GmbH
WIEDNER HAUPTSTRASSE 76, 1040 VIENNA, AUSTRIA
TEL: +43 -1- 586 52 43-0 FAX: +43 -1- 586 52 43-44
office@roithner-laser.com
www.roithner-laser.com
1 = anode
2 = cathode


Similar Part No. - LED920-66-16100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LED90W-015 ETC2-LED90W-015 Datasheet
732Kb / 4P
Switch Mode LED Drivers
LED90W-015-C6000-XX ETC2-LED90W-015-C6000-XX Datasheet
732Kb / 4P
Switch Mode LED Drivers
LED90W-018 ETC2-LED90W-018 Datasheet
732Kb / 4P
Switch Mode LED Drivers
LED90W-018-C5000-XX ETC2-LED90W-018-C5000-XX Datasheet
732Kb / 4P
Switch Mode LED Drivers
LED90W-020 ETC2-LED90W-020 Datasheet
732Kb / 4P
Switch Mode LED Drivers
More results

Similar Description - LED920-66-16100

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
HIR38-01C EVERLIGHT-HIR38-01C Datasheet
137Kb / 7P
High Power Infrared LED
05-17-2007
logo
Marktech Corporate
MTE8760N5 MARKTECH-MTE8760N5 Datasheet
582Kb / 4P
High Power Infrared LED
MTE8560P MARKTECH-MTE8560P Datasheet
535Kb / 2P
High Power Infrared LED
logo
Roithner LaserTechnik G...
LED720-66-16100 ROITHNER-LED720-66-16100 Datasheet
88Kb / 1P
SUPER HIGH POWER INFRARED LED
LED730-66-16100 ROITHNER-LED730-66-16100 Datasheet
88Kb / 1P
SUPER HIGH POWER INFRARED LED
LED740-66-16100 ROITHNER-LED740-66-16100 Datasheet
88Kb / 1P
SUPER HIGH POWER INFRARED LED
LED950-66-16100 ROITHNER-LED950-66-16100 Datasheet
88Kb / 1P
SUPER HIGH POWER INFRARED LED
SMB1N-880 ROITHNER-SMB1N-880 Datasheet
708Kb / 4P
infrared high power led
SMB1N-970 ROITHNER-SMB1N-970 Datasheet
746Kb / 4P
infrared high power led
logo
Everlight Electronics C...
HIR30-01C-S16 EVERLIGHT-HIR30-01C-S16_15 Datasheet
183Kb / 7P
High Power Infrared LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com