Electronic Components Datasheet Search
  English  ▼

X  

LENS-13 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # LENS-13
Description  Optic for High Power LEDs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LENS-13 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  LENS-13 Datasheet HTML 1Page - Roithner LaserTechnik GmbH LENS-13 Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
04.11.2011
LENS-13
1 of 2
LENS-13
TECHNICAL DATA
Optic for High Power LEDs
TO-66 Package
LENS-13 is designed to be compatible with TO-66 packaged high power LEDs. That kind of lens-
reflector combination generates a narrow beam of +/-15° out of the surface. Base and top of that
part are made of PMMA. Two holes on the base of LENS-13 allows it to easily align and mount the
optic.
Outline Dimensions
Tolerance: EN 2768-m
Specifications
Item
Value
Material
PMMA
Dimension
Ø45.0 x 21.4 mm
Weight
17 g


Similar Part No. - LENS-13

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
LENS-A SYSTEMSENSOR-LENS-A Datasheet
768Kb / 2P
Color Lens Strobe Attachment
LENS-AC SYSTEMSENSOR-LENS-AC Datasheet
768Kb / 2P
Color Lens Strobe Attachment
LENS-B SYSTEMSENSOR-LENS-B Datasheet
768Kb / 2P
Color Lens Strobe Attachment
LENS-BC SYSTEMSENSOR-LENS-BC Datasheet
768Kb / 2P
Color Lens Strobe Attachment
LENS-G SYSTEMSENSOR-LENS-G Datasheet
768Kb / 2P
Color Lens Strobe Attachment
More results

Similar Description - LENS-13

ManufacturerPart #DatasheetDescription
logo
ADTech
ADT6752 ADTECH-ADT6752 Datasheet
67Kb / 1P
Step-down converter designed for driving high power LEDs
logo
Infineon Technologies A...
ILD-4035-E6327 INFINEON-ILD-4035-E6327 Datasheet
1Mb / 30P
LED Drivers for High Power LEDs
Revision 2.0, 2011-08-17
logo
Unisonic Technologies
L5107 UTC-L5107 Datasheet
229Kb / 9P
CONSTANT CUTTENT BOOST CONTROLLER FOR DRIVING HIGH POWER LEDS
logo
Roithner LaserTechnik G...
10034 ROITHNER-10034 Datasheet
158Kb / 1P
Special Optic for High Power LEDs
10158 ROITHNER-10158 Datasheet
227Kb / 2P
Narrow Beam Optic for High Power LEDs
logo
Texas Instruments
LM3406 TI1-LM3406_15 Datasheet
1Mb / 38P
Constant Current, Buck Regulator for Driving High Power LEDs
logo
Infineon Technologies A...
ILD4071 INFINEON-ILD4071 Datasheet
1Mb / 25P
LED Driver for High Power LEDs
Rev. 1.0, 2011-11-16
logo
Lumileds Lighting Compa...
WP17 LUMILEDS-WP17 Datasheet
688Kb / 12P
for high-power LEDs and solid state lighting products
logo
Unisonic Technologies
ULC6001 UTC-ULC6001 Datasheet
101Kb / 4P
CONSTANT CUTTENT BOOST CONTROLLER FOR DRIVING HIGH POWER LEDS
logo
ON Semiconductor
NCV30161 ONSEMI-NCV30161 Datasheet
252Kb / 10P
Constant-Current Buck Regulator for Driving High Power LEDs
June, 2019 ??Rev. 1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com