Electronic Components Datasheet Search
  English  ▼

X  

PF512 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # PF512
Description  FC InGaAs Photodiode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

PF512 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  PF512 Datasheet HTML 1Page - Roithner LaserTechnik GmbH PF512 Datasheet HTML 2Page - Roithner LaserTechnik GmbH PF512 Datasheet HTML 3Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
28.02.2012
PF512
1 of 3
PF512
TECHNICAL DATA
FC InGaAs Photodiode
PF512 is an InGaAs PIN structure based photodiode with FC connector and ball lens. An internal optical
attenuator allows measurements up tp 20 dBm with a normal spectral range of 1,0 – 1,65 µm and an
extended range of 0,65 – 1,65 µm.
Absolute Maximum Ratings
Item
Symbol
Value
Unit
Reverse Voltage
UR
25
V
Optical Current
IPD
10
mA
Forward current
IF
10
mA
Power Dissipation
PD
100
mW
Operating Temperature
Topr
-40 … +85
°C
Storage Temperature
Tstg
-40 … +85
°C
Soldering Temperature *
Tsol
260
°C
* must be completed within 10 seconds
Specifications (25°C)
Item
Value
Unit
Wavelength Range
1.00 - 1.65
µm
Sensitive Area
Ø 300
µm
Linear Range
-50… +20
dBm
Responsibility (0 V)
850 nm
≥ 0.20
A/W
1310 nm
≥ 0.75
1550 nm
≥ 0.80
Capacitance (-5 V)
≤12
pF
Dark Current (-5 V)
≤5
nA
Operating Voltage
0… -10
V
Inserting Deviation
±0.1
dB
Inserting lifetime
10
5
h


Similar Part No. - PF512

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
PF512 ROITHNER-PF512 Datasheet
175Kb / 4P
Large Area InGaAs Photodiode Series
More results

Similar Description - PF512

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
IPD14-12-5T-2 ROITHNER-IPD14-12-5T-2 Datasheet
445Kb / 2P
ingaas photodiode
logo
List of Unclassifed Man...
SD012-121-011 ETC2-SD012-121-011 Datasheet
121Kb / 2P
InGaAs Photodiode
SD039-121-011 ETC2-SD039-121-011 Datasheet
170Kb / 2P
InGaAs Photodiode
SD197-121-041 ETC2-SD197-121-041 Datasheet
164Kb / 2P
InGaAs Photodiode
logo
Luna Innovations Incorp...
SD012-121-011 LUNA-SD012-121-011 Datasheet
121Kb / 2P
InGaAs Photodiode
SD039-121-011 LUNA-SD039-121-011 Datasheet
170Kb / 2P
InGaAs Photodiode
SD197-121-041 LUNA-SD197-121-041 Datasheet
164Kb / 2P
InGaAs Photodiode
logo
Advanced Photonix, Inc.
SD197-121-041 ADVANCEDPHOTONIX-SD197-121-041 Datasheet
382Kb / 2P
InGaAs Photodiode
SD012-121-011 ADVANCEDPHOTONIX-SD012-121-011 Datasheet
126Kb / 2P
InGaAs Photodiode
SD039-121-011 ADVANCEDPHOTONIX-SD039-121-011 Datasheet
237Kb / 2P
InGaAs Photodiode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com