Electronic Components Datasheet Search
  English  ▼

X  

A1021 Datasheet(PDF) 1 Page - Tyco Electronics

Part # A1021
Description  TO-8 CASCADABLE AMPLIFIER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

A1021 Datasheet(HTML) 1 Page - Tyco Electronics

  A1021 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
• North America: 1-800-366-2266
Visit www.macom.com for complete contact and product information.
Typical Performance @ 25°C
Guaranteed
Characteristics
Typical
0
°°°° to 50°°°°C
-54
°°°° to +85°°°°C
Frequency
Small Signal Gain (min.)
Gain Flatness (max.)
Reverse Isolation
Noise Figure (max.)
Power Output @ 1 dB comp. (min.)
IP3
IP2
Second Order Harmonic IP
VSWR Input / Output (max.)
DC Current @
Absolute Maximum Ratings
Storage Temperature
Max. Case Temperature
Max. DC Voltage
Max. Continuous RF Input Power
Max. Short Term RF Input Power (1 minute max.)
Max. Peak Power (3
µsec max.)
“S” Series Burn-in Temperature (Case)
Thermal Data: Vcc =
Thermal Resistance
θ
jc
Transistor Power Dissipation Pd
Junction Temperature Rise Above Case Tjc
Outline Drawings
Package
TO-8
Surface Mount
SMA Connectorized
Figure
Model
A1021/SMA1021
10 TO 1000 MHz
TO-8 CASCADABLE AMPLIFIER
Specifications (Rev. Date: 6/01)*
* Measured in a 50-ohm system at +5 Vdc Nominal. Subject to change without notice.
BG
AA
CE
5-1000 MHz
26.0 dB
±0.5 dB
35 dB
3.8 dB
14.5 dBm
+26 dBm
+50 dBm
+55 dBm
1.4:1 / 1.3:1
60 mA
10-1000 MHz
25.0 dB
±0.7 dB
13.0 dBm
4.5 dB
14.0 dBm
2.0:1 / 2.0:1
62 mA
1.9:1 / 1.9:1
60 mA
10-1000 MHz
24.0 dB
±0.9 dB
5.0 dB
-62° to +150°C
125°C
+8 Volts
+10 dBm
50 mW
0.5 W
125°C
°C/W
W
°C
A1021
SMA1021
CA1021
5 Volts (max.)
5 Vdc


Similar Part No. - A1021

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A1021 MACOM-A1021 Datasheet
371Kb / 2P
Cascadable Amplifier 10 to 1000 MHz
logo
M/A-COM Technology Solu...
A1021 MA-COM-A1021 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1000 MHz
A1021 MA-COM-A1021 Datasheet
633Kb / 3P
Cascadable Amplifier 10 to 1000 MHz
A1021-SMA1021 MA-COM-A1021-SMA1021 Datasheet
1Mb / 2P
Cascadable Amplifier
A1021-SMA1021 MA-COM-A1021-SMA1021_15 Datasheet
1Mb / 2P
Cascadable Amplifier
More results

Similar Description - A1021

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
AC437 TELEDYNE-AC437 Datasheet
175Kb / 2P
TO-8 CASCADABLE AMPLIFIER
AC453 TELEDYNE-AC453 Datasheet
177Kb / 2P
TO-8 CASCADABLE AMPLIFIER
AC457 TELEDYNE-AC457 Datasheet
175Kb / 2P
TO-8 CASCADABLE AMPLIFIER
AC509 TELEDYNE-AC509 Datasheet
176Kb / 2P
TO-8 CASCADABLE AMPLIFIER
AC513 TELEDYNE-AC513 Datasheet
173Kb / 2P
TO-8 CASCADABLE AMPLIFIER
AC534 TELEDYNE-AC534 Datasheet
177Kb / 2P
TO-8 CASCADABLE AMPLIFIER
AC548 TELEDYNE-AC548 Datasheet
175Kb / 2P
TO-8 CASCADABLE AMPLIFIER
AC557 TELEDYNE-AC557 Datasheet
174Kb / 2P
TO-8 CASCADABLE AMPLIFIER
AC2205 TELEDYNE-AC2205 Datasheet
190Kb / 2P
TO-8 CASCADABLE AMPLIFIER
AC2348 TELEDYNE-AC2348 Datasheet
176Kb / 2P
TO-8 CASCADABLE AMPLIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com