Electronic Components Datasheet Search
  English  ▼

X  

SMAL850 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # SMAL850
Description  High Power LED Array
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

SMAL850 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  SMAL850 Datasheet HTML 1Page - Roithner LaserTechnik GmbH SMAL850 Datasheet HTML 2Page - Roithner LaserTechnik GmbH SMAL850 Datasheet HTML 3Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
15.02.2012
SMAL850
1 of 3
SMAL850
TECHNICAL DATA
High Power LED Array, 60 chips, SMD
ALGaAs
SMAL850 is a wide viewing and extremely high output power illuminator assembled with a total of 60 high
efficiency AlGaAs diode chips, mounted on an AIN ceramics and covered with clear silicone resin.
These devices are designed for high current operation with proper heat sinking to improver thermal
conductive efficiency.
Specifications
(Unit: mm)
•
Structure: AlGaAs, 60 LED chips
•
Peak Wavelength: typ. 850 nm
•
Optical Output Power: typ. 1.1 W
•
Package: PCB, AIN ceramics
•
Lens: clear epoxy or silicone resin
Absolute Maximum Ratings (Ta=25°C)
Item
Symbol
Value
Unit
Power Dissipation
PD
10
W
Forward Current
IF
1.2
A
Pulse Forward Current*1
IFP
5
A
Junction Temperature
TJ
100
°C
Thermal Resistance *2
RTH
6.3
K/W
Reverse Voltage
VR
50
V
Operating Temperature
Topr
-20 … +80
°C
Storage Temperature
Tstg
-30 … +100
°C
Soldering Temperature *3
Tsol
250
°C
*1 duty = 1%, pulse width = 1 µs
*2 junction – package, mounted on heat sink
*3 must be completed within 3 seconds
Electro-Optical Characteristics
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF = 800 mA
-
7.8
-
V
Reverse Voltage
VR
IR = 10 µA
30
-
-
V
Total Radiated Power *
PO
IF = 800 mA
-
1.1
-
W
IFP = 4 A
-
5.5
-
Radiation Intensity
IE
IF = 800 mA
-
180
-
mW/sr
Peak Wavelength
λP
IF = 800 mA
840
850
860
nm
Half Width
Δλ
IF = 800 mA
-
40
-
nm
Viewing Half Angle
Θ1/2
IF = 800 mA
-
±72
-
deg.
Rise Time
tR
IF = 100 mA
-
15
-
ns
Fall Time
tF
IF = 100 mA
-
10
-
ns
* Total Radiated Power is measured by S3584-08
The above specifications are for reference purpose only and subjected to change without prior notice.


Similar Part No. - SMAL850

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
SMAL101 FCI-SMAL101 Datasheet
56Kb / 1P
1.0 Amp SURFACE MOUNT PLASTIC SILICON DIODES
SMAL102 FCI-SMAL102 Datasheet
56Kb / 1P
1.0 Amp SURFACE MOUNT PLASTIC SILICON DIODES
SMAL104 FCI-SMAL104 Datasheet
56Kb / 1P
1.0 Amp SURFACE MOUNT PLASTIC SILICON DIODES
SMAL106 FCI-SMAL106 Datasheet
56Kb / 1P
1.0 Amp SURFACE MOUNT PLASTIC SILICON DIODES
SMAL108 FCI-SMAL108 Datasheet
56Kb / 1P
1.0 Amp SURFACE MOUNT PLASTIC SILICON DIODES
More results

Similar Description - SMAL850

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED47W-66-16100 ROITHNER-LED47W-66-16100 Datasheet
136Kb / 2P
High Power LED Array
LED365-66-60 ROITHNER-LED365-66-60 Datasheet
135Kb / 2P
High Power LED Array
LED385-66-60-110 ROITHNER-LED385-66-60-110 Datasheet
123Kb / 2P
High Power LED Array
LED450-66-60 ROITHNER-LED450-66-60 Datasheet
136Kb / 2P
High Power LED Array
LED590-66-60 ROITHNER-LED590-66-60 Datasheet
136Kb / 2P
High Power LED Array
LED645-66-60 ROITHNER-LED645-66-60 Datasheet
136Kb / 2P
High Power LED Array
LED670-66-60 ROITHNER-LED670-66-60 Datasheet
135Kb / 2P
High Power LED Array
LED850-66-60 ROITHNER-LED850-66-60 Datasheet
275Kb / 3P
High Power LED Array
LED1200-66-60 ROITHNER-LED1200-66-60 Datasheet
118Kb / 1P
High Power LED Array
LED1300-66-60 ROITHNER-LED1300-66-60 Datasheet
137Kb / 2P
High Power LED Array
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com