Electronic Components Datasheet Search
  English  ▼

X  

C3536 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # C3536
Description  35A AVALANCHE AUTOMOTIVE CELL DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

C3536 Datasheet(HTML) 1 Page - Won-Top Electronics

  C3536 Datasheet HTML 1Page - Won-Top Electronics C3536 Datasheet HTML 2Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Won-Top Electronics Co., Ltd.
www.wontop.com
Revision: April, 2012
1
Pb
Features
Diffused Junction
Low Leakage
D
Low Cost
Anode
+
High Surge Current Capability
C
Die Size 184 mil HEX
E
Mechanical Data
B
Case: Cell Diode Passivated with Silicon Rubber
Terminal: Copper Disc with Ag Plated
Polarity: Indicated by Large Disc On Cathode
Side, Add “R” Suffix to Indicate Reverse Polarity,
i.e. C3520R
Mounting Position: Any
A
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 2
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
C3520
C3524
C3536
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
16
20
32
V
Average Rectified Output Current
@TC = 150°C
IO
35
A
Breakdown Voltage Min.
@IR = 100mA
Breakdown Voltage Max.
@IR = 100mA
VBR
20
26
24
32
36
42
V
Non-Repetitive Peak Forward Surge Current
8.3ms Single Half Sine-Wave Superimposed on
Rated Load (JEDEC Method)
IFSM
400
A
Forward Voltage
@IF = 80A
VFM
1.08
V
Peak Reverse Current
At Rated DC Blocking Voltage
@TA = 25°C
IRM
200
nA
Typical Thermal Resistance Junction to Ambient
RθJA
1.4
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-40 to +150
°C
C3520, C3524, C3536
35A AVALANCHE AUTOMOTIVE CELL DIODE
WON-TOP ELECTRONICS
®
C35
Dim
Min
Max
A
—
6.40
B
—
5.46
C
0.75
—
D
1.0
—
E
—
2.2
All Dimensions in mm


Similar Part No. - C3536

ManufacturerPart #DatasheetDescription
logo
Powerbox
C3536 POWERBOX-C3536 Datasheet
180Kb / 3P
Overvoltage protection with auto restart
More results

Similar Description - C3536

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
AR35A WTE-AR35A Datasheet
52Kb / 3P
35A AUTOMOTIVE BUTTON DIODE
C35A WTE-C35A Datasheet
23Kb / 2P
35A AUTOMOTIVE RECTIFIER CELL
C35A WTE-C35A_06 Datasheet
42Kb / 2P
35A AUTOMOTIVE CELL DIODE
C3520 WTE-C3520 Datasheet
42Kb / 2P
35A AVALANCHE AUTOMOTIVE CELL DIODE
C5020 WTE-C5020 Datasheet
42Kb / 2P
50A AVALANCHE AUTOMOTIVE CELL DIODE
logo
Nell Semiconductor Co.,...
35CD NELLSEMI-35CD Datasheet
85Kb / 1P
Automotive Cell Diodes, 35A
logo
Won-Top Electronics
C35A WTE-C35A_14 Datasheet
31Kb / 2P
35A AUTOMOTIVE CELL DIODE
C5020 WTE-C5020_14 Datasheet
31Kb / 2P
50A AVALANCHE AUTOMOTIVE CELL DIODE
C7020 WTE-C7020 Datasheet
31Kb / 2P
70A AVALANCHE AUTOMOTIVE CELL DIODE
logo
Nanjing International G...
ARS35G DGNJDZ-ARS35G Datasheet
3Mb / 3P
35A AUTOMOTIVE BUTTON DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com