Electronic Components Datasheet Search
  English  ▼

X  

SMA24 Datasheet(PDF) 1 Page - Tyco Electronics

Part # SMA24
Description  5 TO 1500 MHz CASCADABLE AMPLIFIER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SMA24 Datasheet(HTML) 1 Page - Tyco Electronics

  SMA24 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
• North America: 1-800-366-2266
Visit www.macom.com for complete contact and product information.
Typical Performance @ 25°C
Guaranteed
Characteristics
Typical
0
°°°° to 50°°°°C
-54
°°°° to +85°°°°C
Frequency
Small Signal Gain (min.)
Gain Flatness (max.)
Reverse Isolation
Noise Figure (max.)
Power Output @ 1 dB comp. (min.)
IP3
IP2
Second Order Harmonic IP
VSWR Input / Output (max.)
DC Current @ 15 Volts (max.)
Absolute Maximum Ratings
Storage Temperature
Max. Case Temperature
Max. DC Voltage
Max. Continuous RF Input Power
Max. Short Term RF Input Power (1 minute max.)
Max. Peak Power (3
µsec max.)
“S” Series Burn-in Temperature (Case)
Thermal Data: Vcc = 15 Vdc
Thermal Resistance
θ
jc
Transistor Power Dissipation Pd
Junction Temperature Rise Above Case Tjc
Outline Drawings
Package
TO-8
Surface Mount
SMA Connectorized
Figure
Model
· HIGH GAIN - TWO STAGES: 20.0 dB (TYP.)
· ULTRA LOW PHASE DEVIATION
FROM LINEARITY: <±2.5°, 100-1500 MHz
· LOW VSWR: <1.4:1 (TYP.)
· MEDIUM LEVEL OUTPUT: +8 dBm (TYP.)
A24/SMA24
5 TO 1500 MHz
CASCADABLE AMPLIFIER
Specifications (Rev. Date: 11/00)*
* 1. CA24 is a standard A24 installed in a miniature SMA connector housing and guaranteed over 0° C
to 50° C temperature range. Measured in a 50-ohm system at +15 Vdc Nominal. Subject to change
without notice.
BG
AA
CE
0.0-1.7 GHz
20.0 dB
±0.4 dB
30 dB
4.2 dB
8.0 dBm
+20.5 dBm
+42 dBm
+47 dBm
1.4:1 / 1.4:1
34 mA
0.0-1.5 GHz
19.0 dB
±0.8 dB
6.5 dBm
5.3 dB
7.0 dBm
2.0:1 / 2.0:1
40 mA
2.0:1 / 2.0:1
38 mA
0.0-1.5 GHz
18.0 dB
±1.0 dB
5.8 dB
-62° to +125°C
125°C
+20 Volts
+7 dBm
32 mW
0.5 W
125°C
141°C/W
0.185 W
26°C
A24
SMA24
CA24


Similar Part No. - SMA24

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
SMA24 LITEON-SMA24 Datasheet
50Kb / 4P
UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
Tyco Electronics
SMA24 MACOM-SMA24 Datasheet
359Kb / 2P
Cascadable Amplifier 5 to 1500 MHz
logo
MIC GROUP RECTIFIERS
SMA24 MIC-SMA24 Datasheet
65Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
M/A-COM Technology Solu...
SMA24 MA-COM-SMA24 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 1500 MHz
logo
Gulf Semiconductor
SMA24 GULFSEMI-SMA24 Datasheet
255Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 2.0A
More results

Similar Description - SMA24

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AC1582 ETC-AC1582 Datasheet
80Kb / 1P
5 TO 1500 MHz TO-8 CASCADABLE AMPLIFIER
logo
Tyco Electronics
A25 MACOM-A25 Datasheet
355Kb / 2P
Cascadable Amplifier 5 to 1500 MHz
A24 MACOM-A24_1 Datasheet
359Kb / 2P
Cascadable Amplifier 5 to 1500 MHz
A26 MACOM-A26_1 Datasheet
367Kb / 2P
Cascadable Amplifier 10 to 1500 MHz
logo
M/A-COM Technology Solu...
SMA24 MA-COM-SMA24 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 1500 MHz
SMA25 MA-COM-SMA25 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 1500 MHz
A25 MA-COM-A25 Datasheet
611Kb / 3P
Cascadable Amplifier 5 to 1500 MHz
logo
Teledyne Technologies I...
UTOUTC1501 TELEDYNE-UTOUTC1501 Datasheet
178Kb / 6P
Thin-Film Cascadable Amplifier 5 to 1500 MHz
UTOUTC1511 TELEDYNE-UTOUTC1511 Datasheet
182Kb / 6P
Thin-Film Cascadable Amplifier 5 to 1500 MHz
UTOUTC1522 TELEDYNE-UTOUTC1522 Datasheet
182Kb / 6P
Thin-Film Cascadable Amplifier 5 to 1500 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com