Electronic Components Datasheet Search
  English  ▼

X  

LD3501 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # LD3501
Description  35A LUCAS TYPE PRESS-FIT DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

LD3501 Datasheet(HTML) 1 Page - Won-Top Electronics

  LD3501 Datasheet HTML 1Page - Won-Top Electronics LD3501 Datasheet HTML 2Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Won-Top Electronics Co., Ltd.
www.wontop.com
Revision: April, 2012
1
Pb
Features
Diffused Junction
Low Leakage
Low Cost
Anode
+
High Surge Current Capability
Typical IR less than 5.0µA
C
Mechanical Data
E
D
Case: 10mm Lucas Type Press-Fit
Terminals: Contact Areas Readily Solderable
Polarity: Cathode to Case (Reverse Units Are
B
Available Upon Request and Are Designated
By A “R” Suffix, i.e. LD3502R or LD3504R)
Polarity: Red Color Equals Standard,
A
Black Color Equals Reverse Polarity
Mounting Position: Any
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 2
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
LD3500 LD3501 LD3502 LD3503 LD3504 LD3505 LD3506
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
300
400
500
600
V
RMS Reverse Voltage
VR(RMS)
35
70
140
210
280
350
420
V
Average Rectified Output Current
@TC = 150°C
IO
35
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single Half Sine-Wave Superimposed on
Rated Load (JEDEC Method)
IFSM
400
A
Forward Voltage
@IF = 35A
VFM
1.0
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
5.0
500
µA
Typical Junction Capacitance (Note 1)
CJ
300
pF
Typical Thermal Resistance (Note 2)
RθJC
1.2
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +175
°C
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance: Junction to case, single side cooled.
LD3500 – LD3506
35A LUCAS TYPE PRESS-FIT DIODE
WON-TOP ELECTRONICS
®
10mm Lucas
Dim
Min
Max
A
10.07
10.16
B
8.20
8.60
C
1.25
1.31
D
26.00
—
E
9.40
9.60
All Dimensions in mm


Similar Part No. - LD3501

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
LD3501 WTE-LD3501 Datasheet
24Kb / 2P
35A 10mm LUCAS TYPE PRESS-FIT DIODE
LD3501 WTE-LD3501 Datasheet
29Kb / 2P
35A LUCAS TYPE PRESS-FIT DIODE
LD3501G WTE-LD3501G Datasheet
40Kb / 2P
35A GLASS PASSIVATED LUCAS TYPE PRESS-FIT DIODE
October, 2018
More results

Similar Description - LD3501

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
LD2500 WTE-LD2500 Datasheet
24Kb / 2P
25A 10mm LUCAS TYPE PRESS-FIT DIODE
LD3500 WTE-LD3500 Datasheet
24Kb / 2P
35A 10mm LUCAS TYPE PRESS-FIT DIODE
LD5000 WTE-LD5000 Datasheet
24Kb / 2P
50A 10mm LUCAS TYPE PRESS-FIT DIODE
LD2500 WTE-LD2500_06 Datasheet
29Kb / 2P
25A LUCAS TYPE PRESS-FIT DIODE
LD3500 WTE-LD3500_06 Datasheet
29Kb / 2P
35A LUCAS TYPE PRESS-FIT DIODE
LD2520 WTE-LD2520 Datasheet
29Kb / 2P
25A AVALANCHE LUCAS TYPE PRESS-FIT DIODE
LD3520 WTE-LD3520 Datasheet
29Kb / 2P
35A AVALANCHE LUCAS TYPE PRESS-FIT DIODE
LD2500 WTE-LD2500_14 Datasheet
32Kb / 2P
25A LUCAS TYPE PRESS-FIT DIODE
LD2520 WTE-LD2520_14 Datasheet
31Kb / 2P
25A AVALANCHE LUCAS TYPE PRESS-FIT DIODE
LD3520 WTE-LD3520_14 Datasheet
31Kb / 2P
35A AVALANCHE LUCAS TYPE PRESS-FIT DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com