Electronic Components Datasheet Search
  English  ▼

X  

A32 Datasheet(PDF) 1 Page - Tyco Electronics

Part # A32
Description  100 TO 2000 MHz CASCADABLE AMPLIFIER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

A32 Datasheet(HTML) 1 Page - Tyco Electronics

  A32 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
• North America: 1-800-366-2266
Visit www.macom.com for complete contact and product information.
Typical Performance @ 25°C
Guaranteed
Characteristics
Typical
0
°°°° to 50°°°°C
-54
°°°° to +85°°°°C
Frequency
Small Signal Gain (min.)
Gain Flatness (max.)
Reverse Isolation
Noise Figure (max.)
Power Output @ 1 dB comp. (min.)
IP3
IP2
Second Order Harmonic IP
VSWR Input / Output (max.)
DC Current @ 15 Volts (max.)
Absolute Maximum Ratings
Storage Temperature
Max. Case Temperature
Max. DC Voltage
Max. Continuous RF Input Power
Max. Short Term RF Input Power (1 minute max.)
Max. Peak Power (3
µsec max.)
“S” Series Burn-in Temperature (Case)
Thermal Data: Vcc = 15 Vdc
Thermal Resistance
θ
jc
Transistor Power Dissipation Pd
Junction Temperature Rise Above Case Tjc
Outline Drawings
Package
TO-8
Surface Mount
SMA Connectorized
Figure
Model
· LOW NOISE FIGURE: 3.5 dB (TYP.)
· HIGH THIRD ORDER IP: +32 dBm (TYP.)
· HIGH OUTPUT LEVEL: +21 dBm (TYP.)
· LOW VSWR: 1.8:1 (TYP.)
A32/SMA32
100 TO 2000 MHz
CASCADABLE AMPLIFIER
Specifications (Rev. Date: 11/00)*
* Measured in a 50-ohm system at +15 Vdc Nominal. Subject to change without notice.
BG
AA
CE
0.0-2.0 GHz
10.0 dB
±3.0 dB
20 dB
3.5 dB
21.0 dBm
+32 dBm
+38 dBm
+40 dBm
1.8:1 / 1.8:1
94 mA
0.1-2.0 GHz
9.0 dB
±0.7 dB
18.0 dBm
4.0 dB
19.0 dBm
2.3:1 / 2.3:1
100 mA
2.1:1 / 2.1:1
98 mA
0.1-2.0 GHz
8.5 dB
±1.0 dB
4.5 dB
-62° to +125°C
125°C
+17 Volts
+13 dBm
50 mW
0.5 W
125°C
182°C/W
0.288 W
52°C
A32
SMA32
CA32


Similar Part No. - A32

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
A32 DBLECTRO-A32 Datasheet
328Kb / 1P
HALF PITCH IDC SOCKET
logo
Tyco Electronics
A32 MACOM-A32 Datasheet
368Kb / 2P
Cascadable Amplifier 100 to 2000 MHz
logo
M/A-COM Technology Solu...
A32 MA-COM-A32 Datasheet
1Mb / 2P
Cascadable Amplifier 100 to 2000 MHz
A32 MA-COM-A32 Datasheet
648Kb / 3P
Cascadable Amplifier 100 to 2000 MHz
logo
Tyco Electronics
A32-1 MACOM-A32-1 Datasheet
375Kb / 2P
Cascadable Amplifier 100 to 2000 MHz
More results

Similar Description - A32

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A32-1 MACOM-A32-1 Datasheet
375Kb / 2P
Cascadable Amplifier 100 to 2000 MHz
RA36 MACOM-RA36 Datasheet
496Kb / 2P
Cascadable Amplifier 100 to 2000 MHz
A32 MACOM-A32_1 Datasheet
368Kb / 2P
Cascadable Amplifier 100 to 2000 MHz
A34 MACOM-A34_1 Datasheet
377Kb / 2P
Cascadable Amplifier 100 to 2000 MHz
A36 MACOM-A36 Datasheet
370Kb / 2P
Cascadable Amplifier 100 to 2000 MHz
logo
M/A-COM Technology Solu...
SMA31-1 MA-COM-SMA31-1 Datasheet
1Mb / 2P
Cascadable Amplifier 100 to 2000 MHz
SMA32-1 MA-COM-SMA32-1 Datasheet
1Mb / 2P
Cascadable Amplifier 100 to 2000 MHz
SMA34 MA-COM-SMA34 Datasheet
1Mb / 2P
Cascadable Amplifier 100 to 2000 MHz
RA36 MA-COM-RA36 Datasheet
1Mb / 2P
Cascadable Amplifier 100 to 2000 MHz
A32 MA-COM-A32 Datasheet
648Kb / 3P
Cascadable Amplifier 100 to 2000 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com