Electronic Components Datasheet Search
  English  ▼

X  

PFS5004 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # PFS5004
Description  50A 1/2 RUGGED LEAD PRESS-FIT DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

PFS5004 Datasheet(HTML) 1 Page - Won-Top Electronics

  PFS5004 Datasheet HTML 1Page - Won-Top Electronics PFS5004 Datasheet HTML 2Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Won-Top Electronics Co., Ltd.
www.wontop.com
Revision: April, 2012
1
Pb
Features
Diffused Junction
Low Leakage
A
Low Cost
Anode
+
High Surge Current Capability
Typical IR less than 5.0µA
Rugged 2.54mm Dia. Lead
Mechanical Data
Case: DO-21, Copper Case and Components
Hermetically Sealed
Terminals: Contact Areas Readily Solderable
C
Polarity: Cathode to Case (Reverse Units Are
Available Upon Request and Are Designated
F
By A “R” Suffix, i.e. PFS5002R or PFS5004R)
Polarity: Red Color Equals Standard,
D
Black Color Equals Reverse Polarity
E
Mounting Position: Any
Lead Free: For RoHS / Lead Free Version,
B
Add “-LF” Suffix to Part Number, See Page 2
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
PFS5000 PFS5001 PFS5002 PFS5003 PFS5004 PFS5005 PFS5006
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
300
400
500
600
V
RMS Reverse Voltage
VR(RMS)
35
70
140
210
280
350
420
V
Average Rectified Output Current
@TC = 150°C
IO
50
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single Half Sine-Wave Superimposed on
Rated Load (JEDEC Method)
IFSM
500
A
Forward Voltage
@IF = 50A
VFM
1.0
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
5.0
500
µA
Typical Junction Capacitance (Note 1)
CJ
400
pF
Typical Thermal Resistance (Note 2)
RθJC
1.0
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +175
°C
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance: Junction to case, single side cooled.
PFS5000 – PFS5006
50A 1/2” RUGGED LEAD PRESS-FIT DIODE
WON-TOP ELECTRONICS
®
DO-21 Rugged Lead
Dim
Min
Max
A
15.77
15.97
B
12.73
12.82
C
2.54 Ø Typical
D
9.55
9.85
E
5.70
5.90
F
22.55
22.85
All Dimensions in mm


Similar Part No. - PFS5004

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
PFS5004G WTE-PFS5004G Datasheet
41Kb / 2P
50A GLASS PASSIVATED 1/2” RUGGED LEAD PRESS-FIT DIODE
October, 2018
More results

Similar Description - PFS5004

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
PF5000 WTE-PF5000 Datasheet
23Kb / 2P
50A 1/2 PRESS-FIT DIODE
PFW5000 WTE-PFW5000 Datasheet
26Kb / 2P
50A FLAG LEAD 1/2 PRESS-FIT DIODE
PF5000 WTE-PF5000 Datasheet
30Kb / 2P
50A 1/2 PRESS-FIT DIODE
PFW5000 WTE-PFW5000_06 Datasheet
33Kb / 2P
50A 1/2 WASHER LEAD PRESS-FIT DIODE
PFW5020 WTE-PFW5020 Datasheet
32Kb / 2P
50A AVALANCHE 1/2 WASHER LEAD PRESS-FIT DIODE
PF5000 WTE-PF5000_14 Datasheet
32Kb / 2P
50A 1/2 PRESS-FIT DIODE
PFS2500 WTE-PFS2500 Datasheet
32Kb / 2P
25A 1/2 RUGGED LEAD PRESS-FIT DIODE
PFS3500 WTE-PFS3500 Datasheet
32Kb / 2P
35A 1/2 RUGGED LEAD PRESS-FIT DIODE
PFS3520 WTE-PFS3520 Datasheet
32Kb / 2P
AVALANCHE 1/2 RUGGED LEAD PRESS-FIT DIODE
PFS5020 WTE-PFS5020 Datasheet
32Kb / 2P
50A AVALANCHE 1/2 RUGGED LEAD PRESS-FIT DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com