Electronic Components Datasheet Search
  English  ▼

X  

2N6313 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # 2N6313
Description  COMPLEMENTARY SILICON POWER TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N6313 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  2N6313 Datasheet HTML 1Page - Central Semiconductor Corp 2N6313 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2N4231A 2N4232A 2N4233A
MAXIMUM RATINGS: (TC=25°C)
SYMBOL 2N6312
2N6313
2N6314
UNITS
Collector-Base Voltage
VCBO
40
60
80
V
Collector-Emitter Voltage
VCEO
40
60
80
V
Emitter-Base Voltage
VEBO
5.0
V
Continuous Collector Current
IC
5.0
A
Peak Collector Current
ICM
10
A
Continuous Base Current
IB
2.0
A
Power Dissipation
PD
75
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +200
°C
Thermal Resistance
JC
2.32
°C/W
ELECTRICAL CHARACTERISTICS: (TC=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=Rated VCBO
50
μA
ICEO
VCE=30V (2N4231A, 2N6312)
1.0
mA
ICEO
VCE=50V (2N4232A, 2N6313)
1.0
mA
ICEO
VCE=70V (2N4233A, 2N6314)
1.0
mA
ICEV
VCE=Rated VCEO, VBE=1.5V
0.1
mA
ICEV
VCE=Rated VCEO, VBE=1.5V, TC=150°C
1.0
mA
IEBO
VEB=5.0V
0.5
mA
BVCEO
IC=100mA, (2N4231A, 2N6312)
40
V
BVCEO
IC=100mA, (2N4232A, 2N6313)
60
V
BVCEO
IC=100mA, (2N4233A, 2N6314)
80
V
VCE(SAT) IC=1.5A, IB=0.15A
0.7
V
VCE(SAT) IC=3.0A, IB=0.3A
2.0
V
VCE(SAT) IC=5.0A, IB=1.25A
4.0
V
VBE(ON)
VCE=2.0V, IC=1.5A
1.4
V
hFE
VCE=2.0V, IC=0.5A
40
hFE
VCE=2.0V, IC=1.5A
25
100
hFE
VCE=2.0V, IC=3.0A
10
hFE
VCE=4.0V, IC=5.0A
4.0
hfe
VCE=10V, IC=0.5A, f=1.0kHz
20
fT
VCE=10V, IC=0.5A, f=1.0MHz
4.0
MHz
Cob
VCB=10V, IE=0, f=100kHz
300
pF
2N4231A 2N4232A 2N4233A
NPN
2N6312
2N6313
2N6314
PNP
COMPLEMENTARY
SILICON POWER TRANSISTORS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 2N4231A, 2N6312
series devices are complementary silicon power
transistors, manufactured by the epitaxial base process,
designed for general purpose amplifier and switching
applications.
MARKING: FULL PART NUMBER
TO-66 CASE
R1 (2-September 2014)
www.centr a lsemi.com


Similar Part No. - 2N6313

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6313 MOSPEC-2N6313 Datasheet
189Kb / 4P
POWER TRANSISTORS(5A,75W)
logo
Boca Semiconductor Corp...
2N6313 BOCA-2N6313 Datasheet
196Kb / 4P
COMPLEMENTARY SILICON MEDIUM-POWER TRANSISTORS
logo
Central Semiconductor C...
2N6313 CENTRAL-2N6313 Datasheet
51Kb / 1P
Power Transistors
logo
Inchange Semiconductor ...
2N6313 ISC-2N6313 Datasheet
132Kb / 3P
Silicon PNP Power Transistors
logo
Savantic, Inc.
2N6313 SAVANTIC-2N6313 Datasheet
116Kb / 3P
Silicon PNP Power Transistors
More results

Similar Description - 2N6313

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
D44E MOTOROLA-D44E Datasheet
84Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Seme LAB
2N6299SMD SEME-LAB-2N6299SMD Datasheet
33Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
2N5871 NJSEMI-2N5871 Datasheet
253Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
2N5879 NJSEMI-2N5879 Datasheet
171Kb / 1P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP3055G ONSEMI-TIP3055G Datasheet
114Kb / 6P
Complementary Silicon Power Transistors
May, 2012 ??Rev. 7
logo
Central Semiconductor C...
2N3055 CENTRAL-2N3055_15 Datasheet
493Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
TIP35 CENTRAL-TIP35_15 Datasheet
445Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
D44H ONSEMI-D44H Datasheet
102Kb / 5P
Complementary Silicon Power Transistors
November, 2014 ??Rev. 13
MJE270G ONSEMI-MJE270G Datasheet
89Kb / 3P
Complementary Silicon Power Transistors
December, 2013 ??Rev. 8
logo
New Jersey Semi-Conduct...
D44H NJSEMI-D44H Datasheet
91Kb / 1P
COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com