Electronic Components Datasheet Search
  English  ▼

X  

2N4402 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # 2N4402
Description  SILICON PNP TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N4402 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  2N4402 Datasheet HTML 1Page - Central Semiconductor Corp 2N4402 Datasheet HTML 2Page - Central Semiconductor Corp 2N4402 Datasheet HTML 3Page - Central Semiconductor Corp 2N4402 Datasheet HTML 4Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2N4402
2N4403
SILICON
PNP TRANSISTORS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 2N4402 and
2N4403 are PNP silicon transistors designed for
general purpose amplifier and switching applications.
NPN complementary types are 2N4400 and 2N4401.
MARKING: FULL PART NUMBER
TO-92 CASE
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
40
V
Collector-Emitter Voltage
VCEO
40
V
Emitter-Base Voltage
VEBO
5.0
V
Continuous Collector Current
IC
600
mA
Power Dissipation
PD
625
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C)
2N4402
2N4403
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNITS
ICEV
VCE=35V, VEB=0.4V
-
0.1
-
0.1
μA
BVCBO
IC=0.1mA
40
-
40
-
V
BVCEO
IC=1.0mA
40
-
40
-
V
BVEBO
IE=0.1mA
5.0
-
5.0
-
V
VCE(SAT)
IC=150mA, IB=15mA
-
0.4
-
0.4
V
VCE(SAT)
IC=500mA, IB=50mA
-
0.75
-
0.75
V
VBE(SAT)
IC=150mA, IB=15mA
0.75
0.95
0.75
0.95
V
VBE(SAT)
IC=500mA, IB=50mA
-
1.3
-
1.3
V
hFE
VCE=1.0V, IC=0.1mA
-
-
30
-
hFE
VCE=1.0V, IC=1.0mA
30
-
60
-
hFE
VCE=1.0V, IC=10mA
50
-
100
-
hFE
VCE=2.0V, IC=150mA
50
150
100
300
hFE
VCE=2.0V, IC=500mA
20
-
20
-
hfe
VCE=10V, IC=1.0mA, f=1.0kHz
30
250
60
500
fT
VCE=10V, IC=20mA, f=100MHz
150
-
200
-
MHz
Cob
VCB=10V, IE=0, f=140kHz
-
8.5
-
8.5
pF
Cib
VBE=0.5V, IC=0, f=140kHz
-
30
-
30
pF
ton
VCC=30V, VEB(OFF)=2.0V, IC=150mA,
IB1=15mA
-
35
-
35
ns
toff
VCC=30V, IC=150mA, IB1=IB2=15mA
-
255
-
255
ns
R2 (2-December 2014)
www.centr a lsemi.com


Similar Part No. - 2N4402

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4402 ONSEMI-2N4402 Datasheet
297Kb / 6P
General Purpose Transistors(PNP Silicon)
1996
logo
Semtech Corporation
2N4402 SEMTECH-2N4402 Datasheet
209Kb / 3P
PNP EXPITAXIAL SILICON TRANSISTOR?
logo
Fairchild Semiconductor
2N4402 FAIRCHILD-2N4402 Datasheet
26Kb / 2P
PNP General Purpose Amplifier
logo
Micro Electronics
2N4402 MICRO-ELECTRONICS-2N4402 Datasheet
189Kb / 2P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Diotec Semiconductor
2N4402 DIOTEC-2N4402 Datasheet
97Kb / 2P
Si-Epitaxial PlanarTransistors
More results

Similar Description - 2N4402

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
PN3638 MICRO-ELECTRONICS-PN3638 Datasheet
191Kb / 2P
PNP SILICON TRANSISTORS
logo
Weitron Technology
WTA8921 WEITRON-WTA8921 Datasheet
621Kb / 4P
PNP Silicon Transistors
logo
Seme LAB
2N6193LCC4 SEME-LAB-2N6193LCC4 Datasheet
21Kb / 2P
PNP SILICON TRANSISTORS
logo
Quanzhou Jinmei Electro...
BD680 JMNIC-BD680 Datasheet
33Kb / 1P
Silicon PNP Transistors
logo
Unisonic Technologies
2N2955 UTC-2N2955_11 Datasheet
122Kb / 2P
SILICON PNP TRANSISTORS
logo
Micro Commercial Compon...
2SA1980-O MCC-2SA1980-O Datasheet
213Kb / 2P
PNP Silicon Transistors
S9012-G MCC-S9012-G Datasheet
223Kb / 2P
PNP Silicon Transistors
S8550-C-AP MCC-S8550-C-AP Datasheet
218Kb / 2P
PNP Silicon Transistors
logo
Quanzhou Jinmei Electro...
2SA633 JMNIC-2SA633 Datasheet
115Kb / 1P
Silicon PNP Transistors
BD810_2015 JMNIC-BD810_2015 Datasheet
127Kb / 1P
Silicon PNP Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com