Electronic Components Datasheet Search
  English  ▼

X  

2N5769 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # 2N5769
Description  NPN SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N5769 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  2N5769 Datasheet HTML 1Page - Central Semiconductor Corp 2N5769 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N5769
PN2369A
NPN SILICON TRANSISTOR
TO-92 CASE - MECHANICAL OUTLINE
LEAD CODE:
1) Emitter
2) Base
3) Collector
MARKING: FULL PART NUMBER
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
fT
VCE=10V, IC=10mA, f=100MHz
500
MHz
Cob
VCB=5.0V, IE=0, f=140kHz
4.0
pF
Cib
VEB=5.0V, IC=0, f=1.0MHz (PN2369A)
5.0
pF
ton
VCC=3.0V, IC=10mA, IB1=3.0mA, IB2=1.5mA
12
ns
toff
VCC=3.0V, IC=10mA, IB1=3.0mA, IB2=1.5mA
18
ns
ts
VCC=10V, IC=10mA, IB1=IB2=10mA
13
ns
www.centr a lsemi.com
R1 (10-March 2011)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com