Electronic Components Datasheet Search
  English  ▼

X  

BCW68F Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # BCW68F
Description  SURFACE MOUNT PNP SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

BCW68F Datasheet(HTML) 1 Page - Central Semiconductor Corp

  BCW68F Datasheet HTML 1Page - Central Semiconductor Corp BCW68F Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BCW67 SERIES
BCW68 SERIES
SURFACE MOUNT
PNP SILICON TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR BCW67 and BCW68
Series types are PNP Silicon Transistors manufactured
by the epitaxial planar process, epoxy molded in a
surface mount package, designed for general purpose
switching and amplifier applications.
MARKING CODE: SEE MARKING CODE TABLE
ON FOLLOWING PAGE
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
BCW67
BCW68
UNITS
Collector-Base Voltage
VCBO
45
60
V
Collector-Emitter Voltage
VCEO
32
45
V
Emitter-Base Voltage
VEBO
5.0
V
Conitinuous Collector Current
IC
800
mA
Peak Collector Current
ICM
1.0
A
Continuous Base Current
IB
100
mA
Peak Base Current
IBM
200
mA
Power Dissipation
PD
350
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ICBO
VCB=Rated VCEO
20
nA
ICBO
VCB= Rated VCEO, TA=150°C
20
µA
IEBO
VEB=4.0V
20
nA
BVCBO
IC=10µA (BCW67)
45
V
BVCBO
IC=10µA (BCW68)
60
V
BVCEO
IC=10mA (BCW67)
32
V
BVCEO
IC=10mA (BCW68)
45
V
BVEBO
IE=10µA
5.0
V
VCE(SAT)
IC=100mA, IB=10mA
0.3
V
VCE(SAT)
IC=500mA, IB=50mA
0.7
V
VBE(SAT)
IC=100mA, IB=10mA
1.25
V
VBE(SAT)
IC=500mA, IB=50mA
2.0
V
fT
VCE=5.0V, IC=50mA, f=20MHz
200
MHz
Cc
VCB=10V, IE=0, f=1.0MHz
6.0
pF
Ce
VEB=0.5V, IC=0, f=1.0MHz
60
pF
BCW67A
BCW67B
BCW67C
BCW68F
BCW68G
BCW68H
MIN
MAX
MIN
MAX
MIN
MAX
hFE
VCE=10V, IC=100µA
35
50
80
hFE
VCE=1.0V, IC=10mA
75
120
180
hFE
VCE=1.0V, IC=100mA
100
250
160
400
250
630
hFE
VCE=2.0V, IC=500mA
35
60
100
SOT-23 CASE
R2 (20-November 2009)
www.centra lsemi.com


Similar Part No. - BCW68F

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BCW68F ZETEX-BCW68F Datasheet
39Kb / 2P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Siemens Semiconductor G...
BCW68F SIEMENS-BCW68F Datasheet
134Kb / 6P
PNP Silicon AF Transistors (For general AF applications High current gain)
logo
Infineon Technologies A...
BCW68F INFINEON-BCW68F Datasheet
50Kb / 5P
PNP Silicon AF Transistors
Jul-10-2001
logo
Diotec Semiconductor
BCW68F DIOTEC-BCW68F Datasheet
182Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BCW68F DIOTEC-BCW68F Datasheet
100Kb / 2P
Surface Mount General Purpose Si-Epi-Planar Transistors
More results

Similar Description - BCW68F

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
BCW61B CENTRAL-BCW61B Datasheet
125Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
CMLT591E CENTRAL-CMLT591E_10 Datasheet
511Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
CMPT2907A CENTRAL-CMPT2907A_10 Datasheet
328Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
CMPT5401 CENTRAL-CMPT5401_10 Datasheet
329Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
BC856 CENTRAL-BC856_10 Datasheet
331Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
BCW67 CENTRAL-BCW67 Datasheet
328Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
BCX71 CENTRAL-BCX71 Datasheet
329Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
CMPT7410 CENTRAL-CMPT7410_15 Datasheet
393Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
CMPT4209 CENTRAL-CMPT4209 Datasheet
330Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
CXT5401 BILIN-CXT5401 Datasheet
167Kb / 3P
Surface Mount PNP Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com