Electronic Components Datasheet Search
  English  ▼

X  

DMN3035LWN-13 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMN3035LWN-13
Description  30V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3035LWN-13 Datasheet(HTML) 1 Page - Diodes Incorporated

  DMN3035LWN-13 Datasheet HTML 1Page - Diodes Incorporated DMN3035LWN-13 Datasheet HTML 2Page - Diodes Incorporated DMN3035LWN-13 Datasheet HTML 3Page - Diodes Incorporated DMN3035LWN-13 Datasheet HTML 4Page - Diodes Incorporated DMN3035LWN-13 Datasheet HTML 5Page - Diodes Incorporated DMN3035LWN-13 Datasheet HTML 6Page - Diodes Incorporated DMN3035LWN-13 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DMN3035LWN
Document number: DS37528 Rev. 2 - 2
1 of 7
www.diodes.com
January 2015
© Diodes Incorporated
DMN3035LWN
30V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
V(BR)DSS
RDS(ON) MAX
ID MAX
TA = +25°C
30V
35m
Ω @ VGS = 10V
5.5A
45m
Ω @ VGS = 4.5V
4.9A
Description
This MOSFET is designed to minimize the on-state resistance
(RDS(ON)) and yet maintain superior switching performance, making it
ideal for high-efficiency power management applications.
Applications
DC Motor Control
DC-AC Inverters
Features
Low On-Resistance
Low Input Capacitance
Fast Switching Speed
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: V-DFN3020-8
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections: See Diagram
Terminals: Finish
– NiPdAu Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.011 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMN3035LWN-7
V-DFN3020-8
3,000/Tape & Reel
DMN3035LWN-13
V-DFN3020-8
10,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/quality/lead_free.html.
Marking Information
V-DFN3020-8
Date Code Key
Year
2011
2012
2013
2014
2015
2016
2017
Code
Y
Z
A
B
C
D
E
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Equivalent Circuit
D2
S2
G2
Q1 N-Channel MOSFET
Q2 N-Channel MOSFET
e4
V-DFN3020-8
Bottom View
D1
S1
G1
Bottom View
Pin Configuration
N3 = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: B = 2014)
M = Month (ex: 9 = September)
N3
YM
D1
D2
S1
G1
S2
G2


Similar Part No. - DMN3035LWN-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN3035LWN-13 DIODES-DMN3035LWN-13 Datasheet
591Kb / 7P
Low On-Resistance
Rev 2
DMN3035LWN-13 DIODES-DMN3035LWN-13 Datasheet
342Kb / 7P
30V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
More results

Similar Description - DMN3035LWN-13

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMD63N03X ZETEX-ZXMD63N03X Datasheet
194Kb / 7P
DUAL 30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A04DN8 ZETEX-ZXMN3A04DN8 Datasheet
56Kb / 4P
DUAL 30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN3A04DN8 DIODES-ZXMN3A04DN8 Datasheet
194Kb / 7P
DUAL 30V N-CHANNEL ENHANCEMENT MODE MOSFET
OCTOBER 2002
ZXMN3A06DN8 DIODES-ZXMN3A06DN8 Datasheet
192Kb / 7P
DUAL 30V N-CHANNEL ENHANCEMENT MODE MOSFET
OCTOBER 2002
ZXMN3AM832 DIODES-ZXMN3AM832 Datasheet
194Kb / 7P
DUAL 30V N-CHANNEL ENHANCEMENT MODE MOSFET
OCTOBER 2005
DMN3135LVT DIODES-DMN3135LVT_15 Datasheet
190Kb / 6P
30V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 6
DMN3015LSD DIODES-DMN3015LSD_15 Datasheet
291Kb / 6P
30V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMN3016LDV DIODES-DMN3016LDV Datasheet
423Kb / 7P
DUAL 30V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
Pan Jit International I...
PJL9804 PANJIT-PJL9804 Datasheet
351Kb / 6P
30V Dual N-Channel Enhancement Mode MOSFET
March 25,2017-REV.01
PJL9808 PANJIT-PJL9808 Datasheet
351Kb / 6P
30V Dual N-Channel Enhancement Mode MOSFET
March 31,2017-REV.01
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com