Electronic Components Datasheet Search
  English  ▼

X  

A63 Datasheet(PDF) 1 Page - Tyco Electronics

Part # A63
Description  5 TO 1000 MHz CASCADABLE AMPLIFIER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

A63 Datasheet(HTML) 1 Page - Tyco Electronics

  A63 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
• North America: 1-800-366-2266
Visit www.macom.com for complete contact and product information.
Typical Performance @ 25°C
Guaranteed
Characteristics
Typical
0
°°°° to 50°°°°C
-54
°°°° to +85°°°°C
Frequency
Small Signal Gain (min.)
Gain Flatness (max.)
Reverse Isolation
Noise Figure (max.)
Power Output @ 1 dB comp. (min.)
IP3
IP2
Second Order Harmonic IP
VSWR Input / Output (max.)
DC Current @ 15 Volts (max.)
Absolute Maximum Ratings
Storage Temperature
Max. Case Temperature
Max. DC Voltage
Max. Continuous RF Input Power
Max. Short Term RF Input Power (1 minute max.)
Max. Peak Power (3
µsec max.)
“S” Series Burn-in Temperature (Case)
Thermal Data: Vcc = 15 Vdc
Thermal Resistance
θ
jc
Transistor Power Dissipation Pd
Junction Temperature Rise Above Case Tjc
Outline Drawings
Package
TO-8
Surface Mount
SMA Connectorized
Figure
Model
· LOW NOISE: 3.0 dB (TYP.)
· MEDIUM THIRD ORDER I.P.: +15 dBm (TYP.)
· HIGH GAIN: 16 dB (TYP.)
A63/SMA63
5 TO 1000 MHz
CASCADABLE AMPLIFIER
Specifications (Rev. Date: 12/00)*
* Measured in a 50-ohm system at +15 Vdc Nominal. Subject to change without notice.
BG
AA
CE
0.0-1.1 GHz
16.0 dB
±0.3 dB
20 dB
3.0 dB
4.0 dBm
+15 dBm
+20 dBm
+25 dBm
1.4:1 / 1.4:1
14 mA
0.0-1.0 GHz
15.0 dB
±0.7 dB
1.5 dBm
4.0 dB
2.0 dBm
2.0:1 / 2.0:1
18 mA
1.9:1 / 1.9:1
16 mA
0.0-1.0 GHz
14.5 dB
±1.0 dB
4.5 dB
-62° to +125°C
125°C
+18 Volts
+13 dBm
50 mW
0.5 W
125°C
170°C/W
0.092 W
16°C
A63
SMA63
CA63


Similar Part No. - A63

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A63 MACOM-A63 Datasheet
383Kb / 2P
Cascadable Amplifier 5 to 2000 MHz
logo
Connor-Winfield Corpora...
A63 CONNOR-WINFIELD-A63 Datasheet
53Kb / 1P
8 PIN DIP ACMOS
logo
M/A-COM Technology Solu...
A63 MA-COM-A63 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 1000 MHz
logo
ABB
A63-30-00 ABB-A63-30-00 Datasheet
3Mb / 25P
3--polle Conttacttorrss
9/11
A63-30-11-110V-50HZ ABB-A63-30-11-110V-50HZ Datasheet
3Mb / 25P
3--polle Conttacttorrss
9/11
More results

Similar Description - A63

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AC1008 ETC1-AC1008 Datasheet
111Kb / 2P
5 TO 1000 MHz TO-8 CASCADABLE AMPLIFIER
logo
Tyco Electronics
A11-2 MACOM-A11-2 Datasheet
354Kb / 2P
Cascadable Amplifier 5 to 1000 MHz
A11 MACOM-A11 Datasheet
368Kb / 2P
Cascadable Amplifier 5 to 1000 MHz
logo
M/A-COM Technology Solu...
SMA11-2 MA-COM-SMA11-2 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 1000 MHz
SMA11 MA-COM-SMA11 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 1000 MHz
A63 MA-COM-A63 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 1000 MHz
logo
Teledyne Technologies I...
AC1008 TELEDYNE-AC1008 Datasheet
188Kb / 2P
5 TO 1000 MHz TO-8 CASCADABLE AMPLIFIER
AC1038 TELEDYNE-AC1038 Datasheet
171Kb / 2P
5 TO 1000 MHz TO-8 CASCADABLE AMPLIFIER
AC1054 TELEDYNE-AC1054 Datasheet
178Kb / 2P
5 TO 1000 MHz TO-8 CASCADABLE AMPLIFIER
UTOUTC1007 TELEDYNE-UTOUTC1007 Datasheet
173Kb / 5P
Thin-Film Cascadable Amplifier 5 to 1000 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com