Electronic Components Datasheet Search
  English  ▼

X  

A64 Datasheet(PDF) 1 Page - Tyco Electronics

Part # A64
Description  10 TO 1200 MHz CASCADABLE AMPLIFIER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

A64 Datasheet(HTML) 1 Page - Tyco Electronics

  A64 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
• North America: 1-800-366-2266
Visit www.macom.com for complete contact and product information.
Typical Performance @ 25°C
Guaranteed
Characteristics
Typical
0
°°°° to 50°°°°C
-54
°°°° to +85°°°°C
Frequency
Small Signal Gain (min.)
Gain Flatness (max.)
Reverse Isolation
Noise Figure (max.)
Power Output @ 1 dB comp. (min.)
IP3
IP2
Second Order Harmonic IP
VSWR Input / Output (max.)
DC Current @ 15 Volts (max.)
Absolute Maximum Ratings
Storage Temperature
Max. Case Temperature
Max. DC Voltage
Max. Continuous RF Input Power
Max. Short Term RF Input Power (1 minute max.)
Max. Peak Power (3
µsec max.)
“S” Series Burn-in Temperature (Case)
Thermal Data: Vcc = 15 Vdc
Thermal Resistance
θ
jc
Transistor Power Dissipation Pd
Junction Temperature Rise Above Case Tjc
Outline Drawings
Package
TO-8
Surface Mount
SMA Connectorized
Figure
Model
· LOW NOISE: 3.0 dB (TYP.)
· HIGH GAIN - TWO STAGES: 26 dB (TYP.)
· ULTRA LOW PHASE DEVIATION
FROM LINEARITY: <±2°, 100-1000 MHz
· LOW VSWR: 1.2:1 (TYP.)
A64/SMA64
10 TO 1200 MHz
CASCADABLE AMPLIFIER
Specifications (Rev. Date: 11/00)*
* Measured in a 50-ohm system at +15 Vdc Nominal. Subject to change without notice.
BG
AA
CE
0.0-1.3 GHz
26.0 dB
±0.5 dB
32 dB
3.4 dB
8.0 dBm
+20 dBm
+41 dBm
+47 dBm
1.5:1 / 1.5:1
35 mA
0.0-1.2 GHz
24.0 dB
±0.8 dB
6.5 dBm
4.3 dB
7.0 dBm
2.0:1 / 2.0:1
40 mA
1.9:1 / 1.9:1
38 mA
0.0-1.2 GHz
23.0 dB
±1.0 dB
4.8 dB
-62° to +125°C
125°C
+20 Volts
+6 dBm
50 mW
0.5 W
125°C
141°C/W
0.187 W
26°C
A64
SMA64
CA64


Similar Part No. - A64

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A64 MACOM-A64 Datasheet
381Kb / 2P
Cascadable Amplifier 10 to 1200 MHz
logo
Connor-Winfield Corpora...
A64 CONNOR-WINFIELD-A64 Datasheet
53Kb / 1P
8 PIN DIP ACMOS
logo
M/A-COM Technology Solu...
A64 MA-COM-A64 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1200 MHz
A64 MA-COM-A64 Datasheet
650Kb / 3P
Cascadable Amplifier
A64-SMA64 MA-COM-A64-SMA64 Datasheet
1Mb / 2P
Cascadable Amplifier
More results

Similar Description - A64

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A1211 MACOM-A1211 Datasheet
111Kb / 1P
10 TO 1200 MHz CASCADABLE AMPLIFIER
A16-2 MACOM-A16-2 Datasheet
357Kb / 2P
Cascadable Amplifier 10 to 1200 MHz
A21-1 MACOM-A21-1_1 Datasheet
365Kb / 2P
Cascadable Amplifier 10 to 1200 MHz
A64 MACOM-A64_1 Datasheet
381Kb / 2P
Cascadable Amplifier 10 to 1200 MHz
A1211 MACOM-A1211_1 Datasheet
381Kb / 2P
Cascadable Amplifier 10 to 1200 MHz
logo
M/A-COM Technology Solu...
SMA21-1 MA-COM-SMA21-1 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1200 MHz
A64 MA-COM-A64 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1200 MHz
A66 MA-COM-A66 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1200 MHz
A1211 MA-COM-A1211 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1200 MHz
MAAM-008198-00A162 MA-COM-MAAM-008198-00A162 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1200 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com