Electronic Components Datasheet Search
  English  ▼

X  

WCS1301 Datasheet(PDF) 1 Page - Winson Semiconductor Corp.

Part # WCS1301
Description  Hall Effect Base Current Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSON [Winson Semiconductor Corp.]
Direct Link  http://www.winson.com.tw
Logo WINSON - Winson Semiconductor Corp.

WCS1301 Datasheet(HTML) 1 Page - Winson Semiconductor Corp.

  WCS1301 Datasheet HTML 1Page - Winson Semiconductor Corp. WCS1301 Datasheet HTML 2Page - Winson Semiconductor Corp. WCS1301 Datasheet HTML 3Page - Winson Semiconductor Corp. WCS1301 Datasheet HTML 4Page - Winson Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
WCS1301,1302,1303,1304
Winson reserves the right to make changes to improve reliability or manufacturability.
©Winson, 2015/2/6
Hall Effect Base Current Switch
Features:
 8.3 m
Ω internal conductor resistance
 Output “Low” when IP>= Iop
 Output “High” when IP < Irp
 Wide operating voltage range 2.6~18 V.
 Low operating current 2.0mA
 10K Hz bandwidth
 Customized Spec. upon request
Functional Description :
Winson’s WCS1301,1302,1303 and 1304 provides cheap and convenient
solution for current detection in industrial and commercial electronic systems.
Typical applications include short circuit detection, load detection and
over-current fault detection etc…
The WCS1301~4 consists of a precise, low-temperature drift hall switch IC
with temperature compensation circuit and a current path with typical 8.3 m
Ω
internal conductor resistance. This extremely low resistance can effectively
reduce power loss, operating temperature and increase the reliability greatly.
Measured current IP flowing through this conduction path generates a
magnetic field which is sensed by the integrated Hall switch IC and output
“Low” when IP>=Iop and output “High” when IP<Irp.
The terminals of the conductive path are electrically isolated from the
sensor leads. This allow the WCS1301~4 current switch to be used in
applications requiring electrical isolation without the use of opto-isolators or
other costly isolation techniques and make system more competitive in cost.


Similar Part No. - WCS1301

ManufacturerPart #DatasheetDescription
logo
DIWELL Electronics Co.,...
WCS1301 DIWELL-WCS1301 Datasheet
398Kb / 4P
Hall Effect Base Current Switch
2015/2/6
More results

Similar Description - WCS1301

ManufacturerPart #DatasheetDescription
logo
Winson Semiconductor Co...
WCS1702 WINSON-WCS1702 Datasheet
159Kb / 3P
Hall Effect Base Linear Current Sensor
WCS1800 WINSON-WCS1800 Datasheet
481Kb / 5P
Hall Effect Base Linear Current Sensor
WCS2702 WINSON-WCS2702 Datasheet
481Kb / 5P
Hall Effect Base Linear Current Sensor
WCS2705 WINSON-WCS2705 Datasheet
457Kb / 5P
Hall Effect Base Linear Current Sensor
WCS6800 WINSON-WCS6800 Datasheet
628Kb / 5P
Hall Effect Base Linear Current Sensor
WCS1500 WINSON-WCS1500_17 Datasheet
477Kb / 5P
Hall Effect Base Linear Current Sensor
WCS1800 WINSON-WCS1800_17 Datasheet
482Kb / 5P
Hall Effect Base Linear Current Sensor
WCS2750 WINSON-WCS2750_17 Datasheet
428Kb / 3P
Hall Effect Base Linear Current Sensor
logo
DIWELL Electronics Co.,...
WCS1301 DIWELL-WCS1301 Datasheet
398Kb / 4P
Hall Effect Base Current Switch
2015/2/6
WCS374 DIWELL-WCS374 Datasheet
865Kb / 5P
Hall Effect Base Linear Current Sensor
2017/12/20
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com