Electronic Components Datasheet Search
  English  ▼

X  

A66 Datasheet(PDF) 1 Page - Tyco Electronics

Part # A66
Description  10 TO 1200 MHz CASCADABLE AMPLIFIER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

A66 Datasheet(HTML) 1 Page - Tyco Electronics

  A66 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
• North America: 1-800-366-2266
Visit www.macom.com for complete contact and product information.
Typical Performance @ 25°C
Guaranteed
Characteristics
Typical
0
°°°° to 50°°°°C
-54
°°°° to +85°°°°C
Frequency
Small Signal Gain (min.)
Gain Flatness (max.)
Reverse Isolation
Noise Figure (max.)
Power Output @ 1 dB comp. (min.)
IP3
IP2
Second Order Harmonic IP
VSWR Input / Output (max.)
DC Current @ 15 Volts (max.)
Absolute Maximum Ratings
Storage Temperature
Max. Case Temperature
Max. DC Voltage
Max. Continuous RF Input Power
Max. Short Term RF Input Power (1 minute max.)
Max. Peak Power (3
µsec max.)
“S” Series Burn-in Temperature (Case)
Thermal Data: Vcc = 15 Vdc
Thermal Resistance
θ
jc
Transistor Power Dissipation Pd
Junction Temperature Rise Above Case Tjc
Outline Drawings
Package
TO-8
Surface Mount
SMA Connectorized
Figure
Model
· HIGH GAIN - TWO STAGES: 23.5 dB (TYP.)
· LOW NOISE: <3.8 dB (TYP.)
· HIGH OUTPUT LEVEL: +15.0 dBm (TYP.)
· WIDE POWER SUPPLY RANGE: 5 TO 15 VOLTS
A66/SMA66
10 TO 1200 MHz
CASCADABLE AMPLIFIER
Specifications (Rev. Date: 11/00)*
* Measured in a 50-ohm system at +15 Vdc Nominal. Subject to change without notice.
BG
AA
CE
0.0-1.3 GHz
23.5 dB
±0.3 dB
32 dB
4.0 dB
15.0 dBm
+28 dBm
+40 dBm
+45 dBm
1.5:1 / 1.5:1
64 mA
0.0-1.2 GHz
22.0 dB
±0.7 dB
13.5 dBm
5.0 dB
14.0 dBm
2.0:1 / 2.0:1
70 mA
1.9:1 / 1.9:1
67 mA
0.0-1.2 GHz
21.0 dB
±1.0 dB
5.5 dB
-62° to +125°C
125°C
+17 Volts
+10 dBm
100 mW
0.5 W
125°C
145°C/W
0.405 W
59°C
A66
SMA66
CA66


Similar Part No. - A66

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A66 MACOM-A66 Datasheet
380Kb / 2P
Cascadable Amplifier 10 to 1200 MHz
logo
M/A-COM Technology Solu...
A66 MA-COM-A66 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1200 MHz
A66 MA-COM-A66 Datasheet
647Kb / 3P
Cascadable Amplifier
logo
Tyco Electronics
A66-1 MACOM-A66-1 Datasheet
108Kb / 1P
10 TO 1000 MHz CASCADABLE AMPLIFIER
A66-1 MACOM-A66-1 Datasheet
383Kb / 2P
Cascadable Amplifier 10 to 1000 MHz
More results

Similar Description - A66

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A1211 MACOM-A1211 Datasheet
111Kb / 1P
10 TO 1200 MHz CASCADABLE AMPLIFIER
A64 MACOM-A64 Datasheet
110Kb / 1P
10 TO 1200 MHz CASCADABLE AMPLIFIER
A16-2 MACOM-A16-2 Datasheet
357Kb / 2P
Cascadable Amplifier 10 to 1200 MHz
A21-1 MACOM-A21-1_1 Datasheet
365Kb / 2P
Cascadable Amplifier 10 to 1200 MHz
A64 MACOM-A64_1 Datasheet
381Kb / 2P
Cascadable Amplifier 10 to 1200 MHz
A1211 MACOM-A1211_1 Datasheet
381Kb / 2P
Cascadable Amplifier 10 to 1200 MHz
logo
M/A-COM Technology Solu...
SMA21-1 MA-COM-SMA21-1 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1200 MHz
A64 MA-COM-A64 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1200 MHz
A66 MA-COM-A66 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1200 MHz
A1211 MA-COM-A1211 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1200 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com