Electronic Components Datasheet Search
  English  ▼

X  

A72 Datasheet(PDF) 1 Page - Tyco Electronics

Part # A72
Description  5 TO 500 MHz CASCADABLE AMPLIFIER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

A72 Datasheet(HTML) 1 Page - Tyco Electronics

  A72 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
• North America: 1-800-366-2266
Visit www.macom.com for complete contact and product information.
Typical Performance @ 25°C
Guaranteed
Characteristics
Typical
0
°°°° to 50°°°°C
-54
°°°° to +85°°°°C
Frequency
Small Signal Gain (min.)
Gain Flatness (max.)
Reverse Isolation
Noise Figure (max.)
Power Output @ 1 dB comp. (min.)
IP3
IP2
Second Order Harmonic IP
VSWR Input / Output (max.)
DC Current @
Absolute Maximum Ratings
Storage Temperature
Max. Case Temperature
Max. DC Voltage
Max. Continuous RF Input Power
Max. Short Term RF Input Power (1 minute max.)
Max. Peak Power (3
µsec max.)
“S” Series Burn-in Temperature (Case)
Thermal Data: Vcc =
Thermal Resistance
θ
jc
Transistor Power Dissipation Pd
Junction Temperature Rise Above Case Tjc
Outline Drawings
Package
TO-8
Surface Mount
SMA Connectorized
Figure
Model
· LOW POWER DRAIN: 31mA (TYP.) @ +5 Vdc
· HIGH OUTPUT LEVEL WITH
LOW Vcc: +12.5 dBm (TYP.) @ 5 Vdc
· HIGH THIRD ORDER I.P.: +28 dBm (TYP.)
@ Vcc = +8 Vdc
A72/SMA72
5 TO 500 MHz
CASCADABLE AMPLIFIER
Specifications (Rev. Date: 6/01)*
* Measured in a 50-ohm system at +5 Vdc Nominal. Subject to change without notice.
BG
AA
CE
2-700 MHz
15.0 dB
±0.2 dB
20 dB
3.3 dB
12.5 dBm
+26 dBm
+36 dBm
+42 dBm
1.3:1 / 1.3:1
31 mA
5-500 MHz
14.0 dB
±0.7 dB
11.0 dBm
4.0 dB
11.5 dBm
1.8:1 / 1.8:1
36 mA
1.7:1 / 1.7:1
34 mA
5-500 MHz
13.5 dB
±1.0 dB
4.5 dB
-62° to +125°C
125°C
+9 Volts
+13 dBm
50 mW
0.5 W
125°C
140°C/W
0.126 W
18°C
A72
SMA72
CA72
5 Volts (max.)
5 Vdc


Similar Part No. - A72

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A72 MACOM-A72 Datasheet
378Kb / 2P
Cascadable Amplifier 5 to 500 MHz
logo
M/A-COM Technology Solu...
A72 MA-COM-A72 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 500 MHz
A72 MA-COM-A72 Datasheet
645Kb / 3P
Cascadable Amplifier 5 to 500 MHz
A72-SMA72 MA-COM-A72-SMA72 Datasheet
1Mb / 2P
Cascadable Amplifier
logo
Kemet Corporation
A720 KEMET-A720 Datasheet
1Mb / 15P
A720 Polymer Aluminum
More results

Similar Description - A72

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SMA73 MACOM-SMA73 Datasheet
103Kb / 1P
5 TO 500 MHz CASCADABLE AMPLIFIER
A76-1 MACOM-A76-1 Datasheet
109Kb / 1P
5 TO 500 MHZ CASCADABLE AMPLIFIER
logo
M/A-COM Technology Solu...
SMA5-5 MA-COM-SMA5-5 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 500 MHz
A54 MA-COM-A54 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 500 MHz
A58 MA-COM-A58 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 500 MHz
A73 MA-COM-A73 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 500 MHz
A74-2 MA-COM-A74-2 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 500 MHz
A74 MA-COM-A74 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 500 MHz
EA54-2 MA-COM-EA54-2 Datasheet
125Kb / 2P
Cascadable Amplifier 5 to 500 MHz
A54 MA-COM-A54_15 Datasheet
643Kb / 3P
Cascadable Amplifier 5 to 500 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com