Electronic Components Datasheet Search
  English  ▼

X  

A78 Datasheet(PDF) 1 Page - Tyco Electronics

Part # A78
Description  5 TO 300 MHz CASCADABLE AMPLIFIER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

A78 Datasheet(HTML) 1 Page - Tyco Electronics

  A78 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
• North America: 1-800-366-2266
Visit www.macom.com for complete contact and product information.
Typical Performance @ 25°C
Guaranteed
Characteristics
Typical
0
°°°° to 50°°°°C
-54
°°°° to +85°°°°C
Frequency
Small Signal Gain (min.)
Gain Flatness (max.)
Reverse Isolation
Noise Figure (max.)
Power Output @ 1 dB comp. (min.)
IP3
IP2
Second Order Harmonic IP
VSWR Input / Output (max.)
DC Current @ 15 Volts (max.)
Absolute Maximum Ratings
Storage Temperature
Max. Case Temperature
Max. DC Voltage
Max. Continuous RF Input Power
Max. Short Term RF Input Power (1 minute max.)
Max. Peak Power (3
µsec max.)
“S” Series Burn-in Temperature (Case)
Thermal Data: Vcc = 15 Vdc
Thermal Resistance
θ
jc
Transistor Power Dissipation Pd
Junction Temperature Rise Above Case Tjc
Outline Drawings
Package
TO-8
Surface Mount
SMA Connectorized
Figure
Model
· HIGH DYNAMIC RANGE: +114 dB/1 MHz
· HIGH OUTPUT: +19.0 dBm (TYP.)
· HIGH THIRD ORDER I.P.: +35 dBm (TYP.)
· LOW NOISE FIGURE: 3.5 dB (TYP.)
A78/SMA78
5 TO 300 MHz
CASCADABLE AMPLIFIER
Specifications (Rev. Date: 11/00)*
* Measured in a 50-ohm system at +15 Vdc Nominal. Subject to change without notice.
BG
AA
CE
2-350 MHz
14.0 dB
±0.3 dB
17 dB
3.5 dB
19.5 dBm
+35 dBm
+49 dBm
+55 dBm
1.5:1 / 1.5:1
65 mA
5-300 MHz
13.0 dB
±0.7 dB
17.5 dBm
4.5 dB
18.0 dBm
2.0:1 / 2.0:1
72 mA
1.9:1 / 1.9:1
69 mA
5-300 MHz
12.5 dB
±1.0 dB
5.0 dB
-62° to +125°C
125°C
+17 Volts
+18 dBm
100 mW
0.5 W
125°C
75°C/W
0.668 W
50°C
A78
SMA78
CA78


Similar Part No. - A78

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A78 MACOM-A78 Datasheet
382Kb / 2P
Cascadable Amplifier 5 to 300 MHz
logo
M/A-COM Technology Solu...
A78 MA-COM-A78 Datasheet
1Mb / 2P
Cascadable Amplifier
logo
Texas Instruments
A78 TI1-A78 Datasheet
1Mb / 20P
Single with Shutdown/Dual/Quad General Purpose, 2.7V,Rail-to-Rail Output, 125C, Operational Amplifiers
logo
M/A-COM Technology Solu...
A78 MA-COM-A78 Datasheet
644Kb / 3P
Cascadable Amplifier 5 to 300 MHz
A78-SMA78 MA-COM-A78-SMA78 Datasheet
1Mb / 2P
Cascadable Amplifier
More results

Similar Description - A78

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A21-1 MACOM-A21-1 Datasheet
107Kb / 1P
5 TO 1200 MHz CASCADABLE AMPLIFIER
SMA73 MACOM-SMA73 Datasheet
103Kb / 1P
5 TO 500 MHz CASCADABLE AMPLIFIER
A79 MACOM-A79 Datasheet
112Kb / 1P
5 TO 300 MHz CASCADABLE AMPLIFIER
A87-2 MACOM-A87-2 Datasheet
108Kb / 1P
10 TO 300 MHz CASCADABLE AMPLIFIER
A88-1 MACOM-A88-1 Datasheet
358Kb / 2P
Cascadable Amplifier 5 to 300 MHz
A78 MACOM-A78_1 Datasheet
382Kb / 2P
Cascadable Amplifier 5 to 300 MHz
A79 MACOM-A79_1 Datasheet
386Kb / 2P
Cascadable Amplifier 5 to 300 MHz
A87-2 MACOM-A87-2_1 Datasheet
381Kb / 2P
Cascadable Amplifier 10 to 300 MHz
logo
M/A-COM Technology Solu...
A88-1 MA-COM-A88-1 Datasheet
195Kb / 2P
Cascadable Amplifier 5 to 300 MHz
A78 MA-COM-A78_15 Datasheet
644Kb / 3P
Cascadable Amplifier 5 to 300 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com