Electronic Components Datasheet Search
  English  ▼

X  

A79 Datasheet(PDF) 1 Page - Tyco Electronics

Part # A79
Description  5 TO 300 MHz CASCADABLE AMPLIFIER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

A79 Datasheet(HTML) 1 Page - Tyco Electronics

  A79 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
• North America: 1-800-366-2266
Visit www.macom.com for complete contact and product information.
Typical Performance @ 25°C
Guaranteed
Characteristics
Typical
0
°°°° to 50°°°°C
-54
°°°° to +85°°°°C
Frequency
Small Signal Gain (min.)
Gain Flatness (max.)
Reverse Isolation
Noise Figure (max.)
Power Output @ 1 dB comp. (min.)
IP3
IP2
Second Order Harmonic IP
VSWR Input / Output (max.)
DC Current @ 15 Volts (max.)
Absolute Maximum Ratings
Storage Temperature
Max. Case Temperature
Max. DC Voltage
Max. Continuous RF Input Power
Max. Short Term RF Input Power (1 minute max.)
Max. Peak Power (3
µsec max.)
“S” Series Burn-in Temperature (Case)
Thermal Data: Vcc = 15 Vdc
Thermal Resistance
θ
jc
Transistor Power Dissipation Pd
Junction Temperature Rise Above Case Tjc
Outline Drawings
Package
TO-8
Surface Mount
SMA Connectorized
Figure
Model
· HIGH DYNAMIC RANGE: +116 dB/1 MHz
· HIGH OUTPUT POWER: +22 dBm (TYP.)
· HIGH THIRD ORDER I.P.: +38 dBm (TYP.)
· LOW NOISE FIGURE: 4.0 dB (TYP.)
A79/SMA79
5 TO 300 MHz
CASCADABLE AMPLIFIER
Specifications (Rev. Date: 12/00)*
* Measured in a 50-ohm system at +15 Vdc Nominal. Subject to change without notice.
BG
AA
CE
2-350 MHz
14.0 dB
±0.3 dB
18 dB
4.0 dB
22.0 dBm
+38 dBm
+55 dBm
+61 dBm
1.5:1 / 1.5:1
88 mA
5-300 MHz
13.0 dB
±0.7 dB
20.0 dBm
5.0 dB
20.5 dBm
2.0:1 / 2.0:1
98 mA
1.9:1 / 1.9:1
93 mA
5-300 MHz
12.5 dB
±1.0 dB
5.5 dB
-62° to +125°C
125°C
+17 Volts
+18 dBm
100 mW
0.5 W
125°C
75°C/W
0.878 W
66°C
A79
SMA79
CA79


Similar Part No. - A79

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A79 MACOM-A79 Datasheet
386Kb / 2P
Cascadable Amplifier 5 to 300 MHz
logo
M/A-COM Technology Solu...
A79 MA-COM-A79 Datasheet
1Mb / 2P
Cascadable Amplifier
A79 MA-COM-A79 Datasheet
618Kb / 3P
Cascadable Amplifier
A79-SMA79 MA-COM-A79-SMA79 Datasheet
1Mb / 2P
Cascadable Amplifier
logo
Toshiba Semiconductor
A7978850 TOSHIBA-A7978850 Datasheet
6Mb / 126P
COLOUR TELEVISION C9PJ Chassis
2000
More results

Similar Description - A79

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A21-1 MACOM-A21-1 Datasheet
107Kb / 1P
5 TO 1200 MHz CASCADABLE AMPLIFIER
SMA73 MACOM-SMA73 Datasheet
103Kb / 1P
5 TO 500 MHz CASCADABLE AMPLIFIER
A78 MACOM-A78 Datasheet
109Kb / 1P
5 TO 300 MHz CASCADABLE AMPLIFIER
A87-2 MACOM-A87-2 Datasheet
108Kb / 1P
10 TO 300 MHz CASCADABLE AMPLIFIER
A88-1 MACOM-A88-1 Datasheet
358Kb / 2P
Cascadable Amplifier 5 to 300 MHz
A78 MACOM-A78_1 Datasheet
382Kb / 2P
Cascadable Amplifier 5 to 300 MHz
A79 MACOM-A79_1 Datasheet
386Kb / 2P
Cascadable Amplifier 5 to 300 MHz
A87-2 MACOM-A87-2_1 Datasheet
381Kb / 2P
Cascadable Amplifier 10 to 300 MHz
logo
M/A-COM Technology Solu...
A88-1 MA-COM-A88-1 Datasheet
195Kb / 2P
Cascadable Amplifier 5 to 300 MHz
A78 MA-COM-A78_15 Datasheet
644Kb / 3P
Cascadable Amplifier 5 to 300 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com