Electronic Components Datasheet Search
  English  ▼

X  

SPT36-C Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # SPT36-C
Description  Silicone Photo-Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

SPT36-C Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  SPT36-C Datasheet HTML 1Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
20.11.2012
SPT36-C
1 of 1
SPT36-C
TECHNICAL DATA
Silicone Photo-Transistor, SMD package
SPT36-C is a surface mount type photo-transistor containing a chip with 0.6x0.6 mm active area,
mounted into a ceramic package and covered with silicone. This device is featuring excellent
responsibility of 20 µs and a high photocurrent. It’s designed to be easy of setting up optically with
a wide angle of half sensitivity of ±40 degrees.
Specifications
(Unit: mm)
•
Spectral Responsivity (Peak):
900 nm
•
Chip Size:
0.8 x 0.8 mm
•
Active Area:
0.6 x 0.6 mm
•
Package:
SMD
Type:
Ceramics
Resin Material:
Silicone
Absolute Maximum Ratings (TA=25°C)
Item
Symbol
Value
Unit
C-E Breakdown Voltage
VCEO
30
V
E-C Breakdown Voltage
VECO
5
V
Collector Current
IC
10
mA
Collector Dissipation
PC
50
mW
Operating Temperature
Topr
-25 … +125
°C
Storage Temperature
Tstg
-30 … +100
°C
Soldering Temperature *1
Tsol
240
°C
*1 must be completed within 3 seconds
Electro-Optical Characteristics
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Photo Current
IL
VCE=5V, L=1000Lx
1
3
-
mA
Collector Dark Current
ID
VCE=5V
-
-
200
nA
Collector-Emitter Satu. Voltage
VCE(S)
IC=2mA, L=1000Lx
-
-
0.3
V
Spectral Responsivity (Peak)
λP
-
900
-
nm
Half Angle of Sensitivity
Θ1/2
±40
-
deg
Rise Time (10-90%)
tr
RL=1KΩ, VR=5V
IC=1mA
-
20
-
µs
Fall Time (10-90%)
tf
-
20
-
µs
Note:
The above specifications are for reference purpose only and subjected to change without prior notice.


Similar Part No. - SPT36-C

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
SPT3.6X10 SCHURTER-SPT3.6X10 Datasheet
254Kb / 3P
Subminiature Fuse, 3.6 x 10 mm, Time-lag T, 250 VAC
logo
Sparkle Power Inc.
SPT300PFB SPI-SPT300PFB Datasheet
68Kb / 1P
300 Watts AT Switching Power Supply
logo
Coilcraft lnc.
SPT30L-123ML COILCRAFT-SPT30L-123ML Datasheet
248Kb / 3P
SMT Power Inductors
SPT30L-174ML COILCRAFT-SPT30L-174ML Datasheet
248Kb / 3P
SMT Power Inductors
SPT30L-353ML COILCRAFT-SPT30L-353ML Datasheet
248Kb / 3P
SMT Power Inductors
More results

Similar Description - SPT36-C

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTD6000PT MARKTECH-MTD6000PT Datasheet
183Kb / 2P
Photo Transistor
MTD6010A MARKTECH-MTD6010A Datasheet
82Kb / 2P
PHOTO TRANSISTOR
MTD6160 MARKTECH-MTD6160 Datasheet
103Kb / 3P
PHOTO TRANSISTOR?
logo
AUK corp
ST3311 AUK-ST3311 Datasheet
56Kb / 3P
Photo Transistor
logo
NEC
PH108A NEC-PH108A Datasheet
62Kb / 2P
PHOTO TRANSISTOR
logo
Marktech Corporate
MTD8000NW MARKTECH-MTD8000NW Datasheet
56Kb / 2P
Photo Transistor
MTD8060P MARKTECH-MTD8060P Datasheet
104Kb / 2P
Photo Transistor
PT086N4 MARKTECH-PT086N4 Datasheet
254Kb / 1P
Photo Transistor
MTD8060W MARKTECH-MTD8060W_2 Datasheet
175Kb / 2P
Photo Transistor
MTD8000M3B-T MARKTECH-MTD8000M3B-T_15 Datasheet
570Kb / 3P
Photo Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com