Electronic Components Datasheet Search
  English  ▼

X  

WSH41FC Datasheet(PDF) 3 Page - Winson Semiconductor Corp.

Part # WSH41FC
Description  Hall Effect Sensor IC with Complementary Output Drivers and Frequency Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSON [Winson Semiconductor Corp.]
Direct Link  http://www.winson.com.tw
Logo WINSON - Winson Semiconductor Corp.

WSH41FC Datasheet(HTML) 3 Page - Winson Semiconductor Corp.

  WSH41FC Datasheet HTML 1Page - Winson Semiconductor Corp. WSH41FC Datasheet HTML 2Page - Winson Semiconductor Corp. WSH41FC Datasheet HTML 3Page - Winson Semiconductor Corp. WSH41FC Datasheet HTML 4Page - Winson Semiconductor Corp. WSH41FC Datasheet HTML 5Page - Winson Semiconductor Corp. WSH41FC Datasheet HTML 6Page - Winson Semiconductor Corp. WSH41FC Datasheet HTML 7Page - Winson Semiconductor Corp. WSH41FC Datasheet HTML 8Page - Winson Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
WSH41FC
Winson reserves the right to make changes to improve reliability or manufacturability.
©Winson, 2003 Jan
SIP-5L
Electrical Characteristics:
(T=+25
˚C, Vcc=2.8V to 20V)
Characteristic
Symbol Test Conditions
Min
Typ
Max Units
Supply Voltage
Vcc
─
2.8
─
20
V
Output Saturation
Voltage
Vout(sat) Vcc=20V, Ic=200mA
B > Bop
─
0.2
0.4
V
FG Saturation
Voltage
Vfg(sat) Vcc=20V, If=10mA
B > Bop
─
0.15
0.4
V
Output Leakage
Current
Ileakage Vcc=20V, B < Brp
─
<0.1
10
UA
Supply Current
Isupply Vcc=20V, Output &
FG Open
─
14
25
MA
Output / FG Rising
Time
Tr
Vcc=12V, RL=820Ω
CL=20Pf
─
3.0
10
Us
Output / FG Falling
Time
Tf
Vcc=12V, RL=820Ω
CL=20Pf
─
0.3
1.5
Us
Output / FG Time
Differential
△t
Vcc=12V, RL=820Ω
CL=20Pf
─
0.3
3
Us
Function Block:



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com