Electronic Components Datasheet Search
  English  ▼

X  

A89 Datasheet(PDF) 1 Page - Tyco Electronics

Part # A89
Description  100 TO 800 MHz CASCADABLE AMPLIFIER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

A89 Datasheet(HTML) 1 Page - Tyco Electronics

  A89 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
• North America: 1-800-366-2266
Visit www.macom.com for complete contact and product information.
Typical Performance @ 25°C
Guaranteed
Characteristics
Typical
0
°°°° to 50°°°°C
-54
°°°° to +85°°°°C
Frequency
Small Signal Gain (min.)
Gain Flatness (max.)
Reverse Isolation
Noise Figure (max.)
Power Output @ 1 dB comp. (min.)
IP3
IP2
Second Order Harmonic IP
VSWR Input / Output (max.)
DC Current @ 15 Volts (max.)
Absolute Maximum Ratings
Storage Temperature
Max. Case Temperature
Max. DC Voltage
Max. Continuous RF Input Power
Max. Short Term RF Input Power (1 minute max.)
Max. Peak Power (3
µsec max.)
“S” Series Burn-in Temperature (Case)
Thermal Data: Vcc = 15 Vdc
Thermal Resistance
θ
jc
Transistor Power Dissipation Pd
Junction Temperature Rise Above Case Tjc
Outline Drawings
Package
TO-8
Surface Mount
SMA Connectorized
Figure
Model
· HIGH REVERSE ISOLATION: >29 dB (TYP.)
· LOW INPUT VSWR: 1.4:1 (TYP.)
· HIGH LEVEL OUTPUT: +17.5 dBm (TYP.)
A89/SMA89
100 TO 800 MHz
CASCADABLE AMPLIFIER
Specifications (Rev. Date: 12/00)*
* Measured in a 50-ohm system at +15 Vdc Nominal. Subject to change without notice.
BG
AA
CE
50-800 MHz
22.0 dB
±0.5 dB
29 dB
4.5 dB
17.5 dBm
+30 dBm
+35 dBm
+42 dBm
1.4:1 / 1.4:1
42 mA
100-800 MHz
21.0 dB
±0.8 dB
16.0 dBm
5.5 dB
16.5 dBm
2.2:1 / 2.2:1
50 mA
2.0:1 / 2.0:1
48 mA
100-800 MHz
20.5 dB
±1.0 dB
6.0 dB
-62° to +125°C
125°C
+17 Volts
+10 dBm
50 mW
0.5 W
125°C
144°C/W
0.396 W
57°C
A89
SMA89
CA89


Similar Part No. - A89

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A89 MACOM-A89 Datasheet
387Kb / 2P
Cascadable Amplifier 100 to 800 MHz
logo
M/A-COM Technology Solu...
A89 MA-COM-A89 Datasheet
1Mb / 2P
Cascadable Amplifier 100 to 800 MHz
A89 MA-COM-A89 Datasheet
652Kb / 3P
Cascadable Amplifier 100 to 800 MHz
A89-SMA89 MA-COM-A89-SMA89 Datasheet
1Mb / 2P
Cascadable Amplifier
logo
Allegro MicroSystems
A8902 ALLEGRO-A8902 Datasheet
156Kb / 12P
3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH BACK-EMF SENSING
More results

Similar Description - A89

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A67 MACOM-A67 Datasheet
359Kb / 2P
Cascadable Amplifier 10 to 800 MHz
A89 MACOM-A89_1 Datasheet
387Kb / 2P
Cascadable Amplifier 100 to 800 MHz
logo
M/A-COM Technology Solu...
A67 MA-COM-A67 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 800 MHz
A89 MA-COM-A89 Datasheet
1Mb / 2P
Cascadable Amplifier 100 to 800 MHz
A89 MA-COM-A89_15 Datasheet
652Kb / 3P
Cascadable Amplifier 100 to 800 MHz
logo
Teledyne Technologies I...
AC829 TELEDYNE-AC829 Datasheet
176Kb / 2P
10 TO 800 MHz TO-8 CASCADABLE AMPLIFIER
AC848 TELEDYNE-AC848 Datasheet
178Kb / 2P
10 TO 800 MHz TO-8 CASCADABLE AMPLIFIER
AC986 TELEDYNE-AC986 Datasheet
174Kb / 2P
800 TO 900 MHz TO-8 CASCADABLE AMPLIFIER
AC4064 TELEDYNE-AC4064 Datasheet
185Kb / 2P
800 TO 4000 MHz TO-8 CASCADABLE AMPLIFIER
AC4066 TELEDYNE-AC4066 Datasheet
179Kb / 2P
800 TO 4000 MHz TO-8 CASCADABLE AMPLIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com