Electronic Components Datasheet Search
  English  ▼

X  

WSH131 Datasheet(PDF) 2 Page - Winson Semiconductor Corp.

Part # WSH131
Description  Omnipolar Hall Effect Switch IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSON [Winson Semiconductor Corp.]
Direct Link  http://www.winson.com.tw
Logo WINSON - Winson Semiconductor Corp.

WSH131 Datasheet(HTML) 2 Page - Winson Semiconductor Corp.

  WSH131 Datasheet HTML 1Page - Winson Semiconductor Corp. WSH131 Datasheet HTML 2Page - Winson Semiconductor Corp. WSH131 Datasheet HTML 3Page - Winson Semiconductor Corp. WSH131 Datasheet HTML 4Page - Winson Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
WSH131
Winson reserves the right to make changes to improve reliability or manufacturability.
©Winson, 2013/5/23(Rev. B)
2
Absolute Maximum Rating (at Ta=25˚ C)
Supply Voltage
Vcc --------------------------
26V
Output breakdown Voltage
Vout(breakdown) ---------------
30V
Magnetic flux density
B
--------------------------
Unlimited
Output ON Current (continuous)
Ic
--------------------------
20mA
Operating Temperature Range
Ta
--------------------------
(-20˚C to +85˚C)
Storage Temperature Range
Ts
--------------------------
(-65˚C to +150˚C)
Package Power Dissipation
Pd
--------------------------
350mw
Electrical Characteristics:
(T=+25˚C, Vcc=2.4V to 26V)
Characteristic
Symbol Test Conditions
Min
Typ
Max Units
Supply Voltage
Vcc
─
2.4
─
26
V
Output Saturation
Voltage
Vout
(sat)
Vcc=12V,Ic=10mA
B > Bop
─
0.2
0.6
V
Output Leakage
Current
Ileakage Vcc=12V, B<Brp
─
<0.1
10
uA
Supply Current
Is(off)
Vcc=12V,Output
Open
─
3.0
6
mA
Function Block:



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com