Electronic Components Datasheet Search
  English  ▼

X  

WSH415 Datasheet(PDF) 2 Page - Winson Semiconductor Corp.

Part # WSH415
Description  Hall Effect IC with Two complementary Outputs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSON [Winson Semiconductor Corp.]
Direct Link  http://www.winson.com.tw
Logo WINSON - Winson Semiconductor Corp.

WSH415 Datasheet(HTML) 2 Page - Winson Semiconductor Corp.

  WSH415 Datasheet HTML 1Page - Winson Semiconductor Corp. WSH415 Datasheet HTML 2Page - Winson Semiconductor Corp. WSH415 Datasheet HTML 3Page - Winson Semiconductor Corp. WSH415 Datasheet HTML 4Page - Winson Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
WSH415
Winson reserves the right to make changes to improve reliability or manufacturability.
© Winson, 2015/5/5
2
Reverse Protection Voltage
Vr
--------------------------
28V
Output Current
continuous
Ic
--------------------------
500mA
Hold current
Ih
------------------------
600mA
Peak current
Ip
-------------------------
800mA
Operating Temperature Range
Ta
--------------------------
(-20˚C to +100˚C)
Storage Temperature Range
Ts
--------------------------
(-65˚C to +150˚C)
Package Power Dissipation
Pd
--------------------------
500mw for SIP-4L
Electrical Characteristics:
(T=+25˚C, Vcc=2.8V to 28V)
Characteristic
Symbol Test Conditions
Min
Typ
Max Units
Supply Voltage
Vcc
─
2.8
─
28
V
Output Saturation
Voltage
Vout(sat) Vcc=20V, Ic=200mA
B > Bop
─
0.15
0.4
V
Output Leakage
Current
Ileakage Vcc=20V, B < Brp
─
<0.1
10
uA
Supply Current
Isupply Vcc=20V, Output &
─
18
25
mA
Output Rising Time
Tr
Vcc=12V, RL=820Ω
CL=20Pf
─
3.0
10
us
Output Falling
Time
Tf
Vcc=12V, RL=820Ω
CL=20Pf
─
0.3
1.5
us
Output Time
Differential
△t
Vcc=12V, RL=820Ω
CL=20Pf
─
0.3
3
us
Function Block:
Magnetic Characteristics:



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com