Electronic Components Datasheet Search
  English  ▼

X  

AM-191PIN Datasheet(PDF) 3 Page - Tyco Electronics

Part # AM-191PIN
Description  Low Noise Amplifier, 100 - 600 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AM-191PIN Datasheet(HTML) 3 Page - Tyco Electronics

  AM-191PIN Datasheet HTML 1Page - Tyco Electronics AM-191PIN Datasheet HTML 2Page - Tyco Electronics AM-191PIN Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Low Noise Amplifier, 100 - 600 MHz
AM-191
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V3.00
Typical Performance Curves
VSWR vs. Frequency
Gain vs. Frequency
Noise Figure
3
1 dB Compression
Intermodulation Intercept
Ordering Information
Part Number
Package
AM-191 PIN
Flatpack
19
21
23
25
75
100
200
300
400
500
600
650
Frequency (MHz)
1.0
1.4
1.8
2.2
75
100
200
300
400
500
600
650
Frequency (MHz)
RF IN
RF OUT
1
2
3
4
75
100
200
300
400
500
600
650
Frequency (MHz)
+85°C
+25°C
21
22
23
24
75
100
200
300
400
500
600
650
Frequency (MHz)
+85°C
+25°C
-55°C
30
40
50
60
75
100
200
300
400
500
600
650
Frequency (MHz)
IP2 (f1+f2)
IP2 (f1-f2)
IP3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com