Electronic Components Datasheet Search
  English  ▼

X  

AM-119PIN Datasheet(PDF) 1 Page - Tyco Electronics

Part # AM-119PIN
Description  High Performance Amplifier, 8 dB Gain, 30 - 250 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AM-119PIN Datasheet(HTML) 1 Page - Tyco Electronics

  AM-119PIN Datasheet HTML 1Page - Tyco Electronics AM-119PIN Datasheet HTML 2Page - Tyco Electronics AM-119PIN Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
n
2.3 dB Typical Midband Noise Figure
n
+23 dBm Typical Midband Output Power
n
+40 dBm Typical Midband Third Order Intercept
Description
M/A-COM’s AM-119 is a coupler feedback amplifier with
high intercept and compression points. The use of coupler
feedback minimizes noise figure and current in a high
intercept amplifier. This amplifier is packaged in a TO-8
package. Due to the internal power dissipation the thermal
rise minimized. The ground plane on the PC board should
be configured to remove heat from under the package.
AM-119 is ideally suited for use where a high intercept,
high reliability amplifier is required.
High Performance Amplifier,
8 dB Gain, 30 - 250 MHz
TO-8-1
Absolute Maximum Ratings
1
1. Operation of this device above any one of these
parameters may cause permanent damage.
Parameter
Absolute Maximum
Max Input Power
+13 dBm
Vbias
+15.75 V
Operating Temperature
-55°C to +85°C
Storage Temperature
-65°C to +125°C
V 3.00
C-32


Similar Part No. - AM-119PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM-119PIN MACOM-AM-119PIN Datasheet
205Kb / 3P
High Performance Amplifier, 8 dB Gain, 30 - 250 MHz
logo
M/A-COM Technology Solu...
AM-119PIN MA-COM-AM-119PIN Datasheet
81Kb / 3P
High Performance Amplifier, 8 dB Gain, 30 - 250 MHz
More results

Similar Description - AM-119PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM-AMC-132 MACOM-AM-AMC-132 Datasheet
86Kb / 3P
High Performance Amplifier, 10 dB Gain, 5 - 200 MHz
AM-AMC-134 MACOM-AM-AMC-134 Datasheet
253Kb / 3P
High Performance Amplifier, 15 dB Gain, 5 - 200 MHz
AM-AMC-136 MACOM-AM-AMC-136 Datasheet
255Kb / 3P
High Performance Amplifier, 20 dB Gain, 10 - 200 MHz
AM-AMC-138 MACOM-AM-AMC-138 Datasheet
255Kb / 3P
High Performance Amplifier, 25 dB Gain, 10 - 200 MHz
AM-AMC-146 MACOM-AM-AMC-146 Datasheet
242Kb / 3P
High Performance Amplifier, 21 dB Gain, 10 - 500 MHz
AM-119 MACOM-AM-119 Datasheet
205Kb / 3P
High Performance Amplifier, 8 dB Gain, 30 - 250 MHz
logo
M/A-COM Technology Solu...
AM-119 MA-COM-AM-119 Datasheet
81Kb / 3P
High Performance Amplifier, 8 dB Gain, 30 - 250 MHz
AM-123 MA-COM-AM-123 Datasheet
79Kb / 3P
High Performance Amplifier, 10 dB Gain 5 - 500 MHz
AM-146 MA-COM-AM-146 Datasheet
78Kb / 3P
High Performance Amplifier, 21 dB Gain, 10 - 500 MHz
AM-119 MA-COM-AM-119_15 Datasheet
555Kb / 4P
High Performance Amplifier, 8 dB Gain, 30 - 250 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com