Electronic Components Datasheet Search
  English  ▼

X  

AM-136PIN Datasheet(PDF) 2 Page - Tyco Electronics

Part # AM-136PIN
Description  High Performance Amplifier, 20 dB Gain, 10 - 200 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AM-136PIN Datasheet(HTML) 2 Page - Tyco Electronics

  AM-136PIN Datasheet HTML 1Page - Tyco Electronics AM-136PIN Datasheet HTML 2Page - Tyco Electronics AM-136PIN Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
High Performance Amplifier, 20 dB Gain, 10 - 200 MHz
AM-/AMC-136
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 5.00
2
Electrical Specifications
3,4 T
A = -55°C to +85°C Case Temperature
Parameter
Test Conditions
Frequency
Units
Min.
Typ.
Max.
Gain
50 MHz @ +25°C
50 MHz
dB
19.2
20.4
20.8
Frequency Response
—
10 - 200 MHz
dB
—
—
±0.8
Gain Variation with
Temperature
—
10 - 200 MHz
dB
—
—
±1.0
1 dB Compression
Output Power
10 - 200 MHz
10 - 70 MHz
dBm
dBm
+23
+25
—
—
—
—
Noise Figure
—
10 - 200 MHz
dB
—
—
7.0
Reverse Transmission
—
10 - 200 MHz
dB
—
-28
-26
VSWR
—
10 - 200 MHz
10 - 70 MHz
Ratio
Ratio
—
—
—
—
2.5:1
1.7:1
Output IP2
Two-tone inputs up to +10 dBm
10 - 200 MHz
10 - 70 MHz
dBm
dBm
+53
+57
—
—
—
—
Output IP3
Two-tone inputs up to +10 dBm
10 - 200 MHz
10 - 70 MHz
dBm
dBm
+36
+44
—
—
—
—
Vbias
—
—
V
14.25
15
15.75
Ibias
Vbias = +15.0 VDC
—
mA
—
180
220
Power Dissipation
@ +15V Bias
—
W
—
2.7
—
Typical Performance Curves
Intermodulation Intercept
Gain vs. Frequency
3. All specifications apply when operated at +15 VDC, with 50 ohms source and load impedance.
4. Heat Sinking: Operation at case temperature above 95°C is not recommended. Heat sinking adequate to dissipate 3.5W must
be provided in use. The flange should be screwed down to the heat sink, which should be RF ground.
19.0
20.0
21.0
22.0
3
5
10
20
50
100
200
300
Frequency (MHz)
+85°C
+25°C
-55°C
60
64
68
72
3
5
10
20
50
100
200
300
Frequency (MHz)
40
44
48
52
IP2
IP3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com