Electronic Components Datasheet Search
  English  ▼

X  

AM-138PIN Datasheet(PDF) 3 Page - Tyco Electronics

Part # AM-138PIN
Description  High Performance Amplifier, 25 dB Gain, 10 - 200 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AM-138PIN Datasheet(HTML) 3 Page - Tyco Electronics

  AM-138PIN Datasheet HTML 1Page - Tyco Electronics AM-138PIN Datasheet HTML 2Page - Tyco Electronics AM-138PIN Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
High Performance Amplifier, 25 dB Gain, 10 - 200 MHz
AM-/AMC-138
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 5.00
Typical Performance Curves
Noise Figure and 1 dB Compression
VSWR vs. Frequency
3
Ordering Information
Part Number
Package
AM-138 PIN
FP-9
AMC-138 SMA
C-25
1.00
1.50
2.00
2.50
3
5
10
20
50
100
200
300
Frequency (MHz)
RF IN
RF OUT
5.0
5.5
6.0
6.5
3
5
10
20
50
100
200
300
Frequency (MHz)
27
28
29
30
31
Noise Figure
Output Power



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com